Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M51995AFP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M51995AFP
Description  Switching Regulator Control
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51995AFP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M51995AFP Datasheet HTML 6Page - Renesas Technology Corp M51995AFP Datasheet HTML 7Page - Renesas Technology Corp M51995AFP Datasheet HTML 8Page - Renesas Technology Corp M51995AFP Datasheet HTML 9Page - Renesas Technology Corp M51995AFP Datasheet HTML 10Page - Renesas Technology Corp M51995AFP Datasheet HTML 11Page - Renesas Technology Corp M51995AFP Datasheet HTML 12Page - Renesas Technology Corp M51995AFP Datasheet HTML 13Page - Renesas Technology Corp M51995AFP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
M51995AP/AFP
REJ03D0835-0201 Rev.2.01 Nov 14, 2007
Page 10 of 40
Output Low Voltage vs.
Output Sink Current
Detection Voltage vs.
Ambient Temperature
Output Sink Current IOL (A)
Input Current of Detection AMP vs.
Ambient Temperature
Detection AMP Voltage Gain vs.
Frequency
Frequency f (Hz)
ON Duty vs.
F/B Terminal Input Current
ON Duty vs.
F/B Terminal Input Current
F/B Terminal Input Current IF/B (mA)
F/B Terminal Input Current IF/B (mA)
Ambient Temperature Ta (
°C)
Ambient Temperature Ta (
°C)
5.0
4.0
3.0
2.0
0
1.0
1 m
10 m
100 m
1
10
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
−60 −40 −20 0
20
40
60
80 100
2.56
2.52
2.46
2.50
2.44
2.42
2.54
2.48
2.40
−60 −40 −20 0
20
40
60
80 100
50.0
40.0
30.0
20.0
10.0
0
100
1 k
10 k
100 k
1 M
10 M
50
40
30
20
0
10
0
0.5
1.0
1.5
2.0
2.5
50
40
30
20
10
0
0
0.5
1.0
1.5
2.0
2.5
Ta = 25
°C
Ta = 85
°C
Ta =
−30 °C
Ta = 25
°C
Ta = 85
°C
Ta =
−30 °C
Ta = 25
°C
VCC = 18 V
VCC = 5 V
(fOSC = 100 kHz)
RON = 18 kΩ
ROFF = 20 kΩ
(fOSC = 200 kHz)
RON = 18 kΩ
ROFF = 20 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com