Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M51995AFP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M51995AFP
Description  Switching Regulator Control
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51995AFP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M51995AFP Datasheet HTML 2Page - Renesas Technology Corp M51995AFP Datasheet HTML 3Page - Renesas Technology Corp M51995AFP Datasheet HTML 4Page - Renesas Technology Corp M51995AFP Datasheet HTML 5Page - Renesas Technology Corp M51995AFP Datasheet HTML 6Page - Renesas Technology Corp M51995AFP Datasheet HTML 7Page - Renesas Technology Corp M51995AFP Datasheet HTML 8Page - Renesas Technology Corp M51995AFP Datasheet HTML 9Page - Renesas Technology Corp M51995AFP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
M51995AP/AFP
REJ03D0835-0201 Rev.2.01 Nov 14, 2007
Page 6 of 40
(VCC = 18 V, Ta = 25°C, unless otherwise noted)
Limits
Block
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Timer frequency
fTIMER
0.27
0.40
0.60
Hz
CT
= 4.7µF
−193
−138
−102
VCT
= 3.3V,
Ta
= −5°C
−178
−127
−94
Ta
= 25°C
Timer charge current
ITIMECH
−147
−105
−78
µA
Ta
= 85°C
Timer
OFF time/ON time ratio
TIMEOFF/ON
7.0
8.7
11.0
—
CLM
−terminal threshold
voltage
VTHCLM−
−220
−200
−180
mV
−5 ≤ Ta ≤ 85°C
CLM
−terminal current
IINCLM−
−170
−125
−90
µA
VCLM–
= −0.1V
CLM
−
Delay time from CLM
− to
VOUT
TPDCLM−
—
100
—
ns
CLM
+ terminal threshold
voltage
VTHCLM+
180
200
220
mV
−5 ≤ Ta ≤ 85°C
CLM
+ terminal current
IINCLM+
−270
−205
−140
µA
VCLM+ = 0V
CLM
+
Delay time from CLM
+ to
VOUT
TPDCLM+
—
100
—
ns
Oscillating frequency
fosc
170
188
207
kHz
Maximum ON duty
TDUTY
47.0
50.0
53.0
%
RON
= 20kΩ,
ROFF
= 17kΩ
CF
= 220pF,
−5 ≤ Ta ≤ 85°C
Upper limit voltage of
oscillation waveform
VOSCH
3.97
4.37
4.77
V
fOSC
= 188kHz
Lower limit voltage of
oscillation waveform
VOSCL
1.76
1.96
2.16
V
fOSC
= 188kHz
Oscillator
Voltage difference between
upper limit and lower limit
of OSC waveform
∆VOSC
2.11
2.41
2.71
V
fOSC
= 188kHz
VF
=
5V
170
188
207
OSC frequency in
CLM operating
state
VF
=
2V
fOSCVF
108
124
143
kHz
RON
= 20kΩ,
ROFF
= 17kΩ
CF
= 220pF
Duty in CLM
operating state
VF
=
0.2V
TVFDUTY
11.0
13.7
22.0
—
Min off duty/Max on
duty
VF voltage at timer
operating start
VTHTIME
2.7
3.0
3.3
V
VF
VF terminal input current
IVF
—
2
6
µA
Source current
VOL1
—
0.05
0.4
V
VCC
= 18V, IO = 10mA
VOL2
—
0.7
1.4
V
VCC
= 18V,
IO
= 100mA
VOL3
—
0.69
1.0
V
VCC
= 5V, IO = 1mA
Output low voltage
VOL4
—
1.3
2.0
V
VCC
= 5V, IO = 100mA
VOH1
16.0
16.5
—
V
VCC
= 18V,
IO
= −10mA
Output high voltage
VOH2
15.5
16.0
—
V
VCC
= 18V,
IO
= −100mA
Output voltage rise time
TRISE
—
50
—
ns
No load
Output
Output voltage fall time
TFALL
—
35
—
ns
No load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com