Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M51995AFP Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # M51995AFP
Description  Switching Regulator Control
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51995AFP Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button M51995AFP Datasheet HTML 28Page - Renesas Technology Corp M51995AFP Datasheet HTML 29Page - Renesas Technology Corp M51995AFP Datasheet HTML 30Page - Renesas Technology Corp M51995AFP Datasheet HTML 31Page - Renesas Technology Corp M51995AFP Datasheet HTML 32Page - Renesas Technology Corp M51995AFP Datasheet HTML 33Page - Renesas Technology Corp M51995AFP Datasheet HTML 34Page - Renesas Technology Corp M51995AFP Datasheet HTML 35Page - Renesas Technology Corp M51995AFP Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
M51995AP/AFP
REJ03D0835-0201 Rev.2.01 Nov 14, 2007
Page 32 of 40
Current Limiting Circuit
1. Peripheral circuit of CLM
+, CLM− terminal
+
+
R1
VCC
Collector
CVCC
VOUT
CLM+
Emitter
GND
M51995A
RNF1
RNF2
CNF
RCLM
CFIN
Input
smoothing
capacitor
Figure 29 Peripheral Circuit Diagram of CLM
+ Terminal
+
+
R1
VCC
Collector
CVCC
VOUT
CLM
−
Emitter
GND
M51995A
RNF1
RNF2
CNF
RCLM
CFIN
Input
smoothing
capacitor
Figure 30 Peripheral Circuit Diagram of CLM
− Terminal
Figure 29 and 30 show the example circuit diagrams around the CLM
+ and CLM− terminal. It is required to
connect the low pass filter, as the main current or drain current contains the spike current especially during the turn-
on duration of MOS FET.
1,000 pF to 22,000 pF is recommended for CNF and the RNF1 and RNF2 have the functions both to adjust the “current-
detecting-sensitivity” and to consist the low pass filter.
To design the RNF1 and RNF2, it is required to consider the influence of CLM terminal source current (IINCLM+ or
INFCLM−), which value is in the range of 90 to 270 µA.
In order to be not influenced from these resistor paralleled value of RNF1 and RNF2, (RNF1/RNF2) is recommended to
be less than 100
Ω.
The RCLM should be the non-inductive resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com