Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M51995AFP Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # M51995AFP
Description  Switching Regulator Control
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51995AFP Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button M51995AFP Datasheet HTML 18Page - Renesas Technology Corp M51995AFP Datasheet HTML 19Page - Renesas Technology Corp M51995AFP Datasheet HTML 20Page - Renesas Technology Corp M51995AFP Datasheet HTML 21Page - Renesas Technology Corp M51995AFP Datasheet HTML 22Page - Renesas Technology Corp M51995AFP Datasheet HTML 23Page - Renesas Technology Corp M51995AFP Datasheet HTML 24Page - Renesas Technology Corp M51995AFP Datasheet HTML 25Page - Renesas Technology Corp M51995AFP Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
M51995AP/AFP
REJ03D0835-0201 Rev.2.01 Nov 14, 2007
Page 22 of 40
+
M51995A
VOUT
CLM+
GND
CNF
RNF
RCLM
+
M51995A
VOUT
CLM
−
GND
CNF
RNF
RCLM
(a) In case of CLM+
(b) In case of CLM
−
Figure 10 How to Connect Current Limit Circuit
Intermittent Action and Oscillation Control Section
When the internal current limiting circuit states to operate and also the VF level decreases to lower than the certain level
of some 3 V, the dead-time spreads and intermittent action and OSC control circuit (which is one of the timer-type-
protection circuit) starts to operate.
The intermittent action and OSC control circuit is the one to generate the control signal for oscillator and intermittent
action circuit.
Figure 11 shows the timing-chart of this circuit. When the output of intermittent action and oscillation control is at
“high” level, the waveform of oscillator depends on the VF terminal voltage and the intermittent action circuit begins to
operate.
OSC waveform
of CF terminal
Current limit
signal
Output of current
limit latch
Output of
intermittent action and
OSC control circuit
(a) With current limit signal
(b) Without current limit signal
OSC waveform
of CF terminal
Current limit
signal
Output of current
limit latch
Output of
intermittent action and
OSC control circuit
GND
GND
GND
Figure 11 Timing Chart of Intermittent and OSC Control Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com