Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M51995AFP Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # M51995AFP
Description  Switching Regulator Control
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51995AFP Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button M51995AFP Datasheet HTML 14Page - Renesas Technology Corp M51995AFP Datasheet HTML 15Page - Renesas Technology Corp M51995AFP Datasheet HTML 16Page - Renesas Technology Corp M51995AFP Datasheet HTML 17Page - Renesas Technology Corp M51995AFP Datasheet HTML 18Page - Renesas Technology Corp M51995AFP Datasheet HTML 19Page - Renesas Technology Corp M51995AFP Datasheet HTML 20Page - Renesas Technology Corp M51995AFP Datasheet HTML 21Page - Renesas Technology Corp M51995AFP Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
M51995AP/AFP
REJ03D0835-0201 Rev.2.01 Nov 14, 2007
Page 18 of 40
T-ON
From VF
signal
Vz = 4.2 V
T-OFF
CF
RON
ROFF
CF
M51995A
Q3
Q4
1/16
Q2
SW2
SW1
Charging
Discharging
5.8 V
Switched by
charging and
discharging signal
Q1
Figure 3 Schematic Diagram of Charging and Discharging Control Circuit for OSC Capacitor CF
2. Oscillator operation when intermittent action and OSC control circuit operates.
When over current signal is applied to CLM
+ or CLM− terminal, and the current limiting circuit, intermittent action
and OSC control circuit starts to operate. In this case T-OFF terminal voltage depends on VF terminal voltage, so
the oscillation frequency decreases and dead-time spreads.
The rise rate of oscillation waveform is given as
VT-ON
RON × CF
≈
(V/s)
………………………………………… (5)
The fall rate of oscillation waveform is given as
≈
+
(V/s)
………………… (6)
VVF − VVFO
ROFF × CF
VT-ON
16
× RON × CF
where VT-ON
≈ 4.5 V
VVF ; VF terminal voltage
VVFO
≈ 0.4 V
VVF
− V
FO
= 0 if V
VF
− V
VFO
< 0
VVF
− V
VFO
= V
T-OFF if VVF – VVFO
> V
T
−OFF ≈ 3.5 V
So when VVF > 3.5 V, the operation is just same as that in the no current limiting operation state.
The maximum on-duration is just same as that in the no-operation state of intermittent and oscillation control circuit
and is given as follows;
≈
(s)
………………… (7)
(VOSCH − VOSCL) × ROFF × CF
VT-ON
The minimum off-duration is approximately given as;
+
≈
(s)
………………… (8)
(VOSCH − VOSCL) × CF
VVF − VVFO
ROFF × CF
VT-ON
16
× RON × CF
The oscillation period is given by the summation of equation (7) and (8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com