Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M51995AFP Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # M51995AFP
Description  Switching Regulator Control
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51995AFP Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button M51995AFP Datasheet HTML 23Page - Renesas Technology Corp M51995AFP Datasheet HTML 24Page - Renesas Technology Corp M51995AFP Datasheet HTML 25Page - Renesas Technology Corp M51995AFP Datasheet HTML 26Page - Renesas Technology Corp M51995AFP Datasheet HTML 27Page - Renesas Technology Corp M51995AFP Datasheet HTML 28Page - Renesas Technology Corp M51995AFP Datasheet HTML 29Page - Renesas Technology Corp M51995AFP Datasheet HTML 30Page - Renesas Technology Corp M51995AFP Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
M51995AP/AFP
REJ03D0835-0201 Rev.2.01 Nov 14, 2007
Page 27 of 40
As the OVP reset voltage is settled on the rather high voltage of 9.0 V, SMPS can be reset in rather short time from the
switch-off of the AC power source if the smoothing capacitor is not so large value.
VCC
OVP
GND
8 k
12 k
Q1
Q2
2.5 k
400
I2
7.8 V
100
µA
I1
Q3
Note: I1 = 0 when OVP operates
Figure 20 Detail Diagram of OVP Circuit
Supply Voltage VCC (V)
8
7
6
5
4
2
0
3
1
0
5
10
15
25
35
20
30
40
OVP reset point
8.82 V (
−30 °C)
8.97 V (25
°C)
9.07 V (85
°C)
Ta = 25
°C
Ta = 85
°C
Ta =
−30 °C
Figure 21 Circuit Current vs. Supply Voltage (OVP Operation)
Output Section
It is required that the output circuit has the high sink and source abilities for MOS FET drive. It is well known that the
totempole circuit has high sink and source ability. However, it has the demerit of high through current.
For example, the through current may reach such the high current level of 1 A, if type M51995A has the “conventional”
totempole circuit. For the high frequency application such as higher than 100 kHz, this through current is very
important factor and will cause not only the large ICC current and the inevitable heat-up of IC but also the noise voltage.
This IC uses the improved totempole circuit, so without deteriorating the characteristic of operating speed, its through
current is approximately 100 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com