Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M51995AFP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # M51995AFP
Description  Switching Regulator Control
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51995AFP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button M51995AFP Datasheet HTML 8Page - Renesas Technology Corp M51995AFP Datasheet HTML 9Page - Renesas Technology Corp M51995AFP Datasheet HTML 10Page - Renesas Technology Corp M51995AFP Datasheet HTML 11Page - Renesas Technology Corp M51995AFP Datasheet HTML 12Page - Renesas Technology Corp M51995AFP Datasheet HTML 13Page - Renesas Technology Corp M51995AFP Datasheet HTML 14Page - Renesas Technology Corp M51995AFP Datasheet HTML 15Page - Renesas Technology Corp M51995AFP Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
M51995AP/AFP
REJ03D0835-0201 Rev.2.01 Nov 14, 2007
Page 12 of 40
ON Duty vs.
Ambient Temperature
ON Duty vs.
Ambient Temperature
Input Voltage of Terminal vs.
Expansion Rate of Period
Ambient Temperature Ta (
°C)
ON Duty vs.
Ambient Temperature
Ambient Temperature Ta (
°C)
Input Voltage of Terminal vs.
Expansion Rate of Period
Expansion Rate of Period (Times)
OVP Terminal Input Current vs.
Input Voltage
Ambient Temperature Ta (
°C)
Expansion Rate of Period (Times)
OVP Terminal Input Voltage VOVP (V)
5.0
4.0
3.0
2.0
0
1.0
02
4
6
8
10 12 14 16 18 20
0
2
4
6
8
10 12141618 20
−60 −40 −20 0
20
40
60
80 100
−60 −40 −20 0
20
40
60
80 100
1 m
100
µ
10
µ
1
µ
0.2
0.4
0.6
0.8
1.0
100
90
80
70
60
50
30
10
40
20
0
100
90
80
70
60
50
30
10
40
20
0
−60 −40 −20 0
20
40
60
80 100
5.0
4.0
3.0
2.0
1.0
0
100
90
80
70
60
50
40
20
30
0
10
R
ON = 36 kΩ, ROFF = 6.2 kΩ
R
ON = 22 kΩ, ROFF = 12 kΩ
R
ON = 24 kΩ, ROFF = 20 kΩ
R
ON = 22 kΩ, ROFF = 22 kΩ
R
ON = 18 kΩ, ROFF = 24 kΩ
R
ON = 15 kΩ, ROFF = 27 kΩ
R
ON = 36 kΩ, ROFF = 6.2 kΩ
R
ON = 22 kΩ, ROFF = 12 kΩ
R
ON = 24 kΩ, ROFF = 20 kΩ
R
ON = 22 kΩ, ROFF = 22 kΩ
R
ON = 18 kΩ, ROFF = 24 kΩ
R
ON = 15 kΩ, ROFF = 27 kΩ
R
ON = 36 kΩ, ROFF = 6.2 kΩ
R
ON = 22 kΩ, ROFF = 12 kΩ
R
ON = 24 kΩ, ROFF = 20 kΩ
R
ON = 22 kΩ, ROFF = 22 kΩ
R
ON = 18 kΩ, ROFF = 24 kΩ
R
ON = 15 kΩ, ROFF = 27 kΩ
(fOSC = 100 kHz)
(fOSC = 500 kHz)
(fOSC = 100 kHz)
(1)
(2)
(4)
(5)
(6)
(3)
(1)
(2)
(4)
(5)
(6)
(3)
(fOSC = 200 kHz)
(1) R
ON = 15 kΩ, ROFF = 27 kΩ
(2) R
ON = 18 kΩ, ROFF = 24 kΩ
(3) R
ON = 22 kΩ, ROFF = 22 kΩ
(4) R
ON = 24 kΩ, ROFF = 20 kΩ
(5) R
ON = 22 kΩ, ROFF = 12 kΩ
(6) R
ON = 36 kΩ, ROFF = 6.2 kΩ
(fOSC = 500 kHz)
(1) R
ON = 15 kΩ, ROFF = 27 kΩ
(2) R
ON = 18 kΩ, ROFF = 24 kΩ
(3) R
ON = 22 kΩ, ROFF = 22 kΩ
(4) R
ON = 24 kΩ, ROFF = 20 kΩ
(5) R
ON = 22 kΩ, ROFF = 12 kΩ
(6) R
ON = 36 kΩ, ROFF = 6.2 kΩ
Ta = 25
°C
Ta = 85
°C
Ta =
−30 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com