Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M51995AFP Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # M51995AFP
Description  Switching Regulator Control
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51995AFP Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button M51995AFP Datasheet HTML 25Page - Renesas Technology Corp M51995AFP Datasheet HTML 26Page - Renesas Technology Corp M51995AFP Datasheet HTML 27Page - Renesas Technology Corp M51995AFP Datasheet HTML 28Page - Renesas Technology Corp M51995AFP Datasheet HTML 29Page - Renesas Technology Corp M51995AFP Datasheet HTML 30Page - Renesas Technology Corp M51995AFP Datasheet HTML 31Page - Renesas Technology Corp M51995AFP Datasheet HTML 32Page - Renesas Technology Corp M51995AFP Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
M51995AP/AFP
REJ03D0835-0201 Rev.2.01 Nov 14, 2007
Page 29 of 40
When the third winding is the “fly back winding” or “reverse polarity”, the VIN(START) can be fixed, however,
VIN(STOP) can not be settled by this system, so the auxiliary circuit is required.
+
M51995A
Primary winding
of transformer
Third winding of
transformer
Rectified DC
voltage from
smoothing capacitor
VIN
R1
R2
CVCC
GND
VCC
VF
NP
NB
Figure 23 Start-up Circuit Diagram (when it is not necessary to set the start and stop input voltage)
3. Notice to the VCC, VCC line and GND line
+
M51995A
Collector
Output
Emitter
GND
CVCC
VCC
Main
transformer
third winding
RCLM
Figure 24 How to Design the Conductor-pattern of Type M51995A on PC Board (schematic example)
To avoid the abnormal IC operation, it is recommended to design the VCC is not vary abruptly and has few spike
voltage, which is induced from the stray capacity between the winding of main transformer.
To reduce the spike voltage, the CVCC, which is connected between VCC and ground, must have the good high
frequency characteristics.
To design the conductor-pattern on PC board, following cautions must be considered as shown in figure 24.
(1) To separate the emitter line of type M51995A from the GND line of the IC
(2) The locate the CVCC as near as possible to type M51995A and connect directly
(3) To separate the collector line of type M51995A from the VCC line of the IC
(4) To connect the ground terminals of peripheral parts of ICS to GND of type M51995A as short as possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com