Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M51995AFP Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # M51995AFP
Description  Switching Regulator Control
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51995AFP Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button M51995AFP Datasheet HTML 31Page - Renesas Technology Corp M51995AFP Datasheet HTML 32Page - Renesas Technology Corp M51995AFP Datasheet HTML 33Page - Renesas Technology Corp M51995AFP Datasheet HTML 34Page - Renesas Technology Corp M51995AFP Datasheet HTML 35Page - Renesas Technology Corp M51995AFP Datasheet HTML 36Page - Renesas Technology Corp M51995AFP Datasheet HTML 37Page - Renesas Technology Corp M51995AFP Datasheet HTML 38Page - Renesas Technology Corp M51995AFP Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
M51995AP/AFP
REJ03D0835-0201 Rev.2.01 Nov 14, 2007
Page 35 of 40
However, the M51995A will non-operate and operate intermittently, as the VCC voltage rises in accordance with
the decrease of ICC current.
The fly back system has the constant output power characteristics as shown in figure 35 when the peak primary
current and the operating frequency are constant.
To control the increase of DC output current, the operating frequency is decreased using the characteristics of
VF terminal when the over current limiting function begins to operate.
The voltage which mode by dividing the VCC is applied to VF terminal as shown in figure 36, as the induced
third winding voltage depends on the DC output voltage of SMPS.
15 k
Ω or less is recommended for R
2 in figure 36, it is noticed that the current flows through R1 and R2 will
superpose on the ICC(START) current.
If the R1 is connected to CVCC2 in figure 25, the current flows through R1 and R2 is independent of the ICC(START).
(3) Application circuit to keep the non-operating condition when over load current condition will continue for
specified duration
The CT terminal voltage will begin to rise and the capacitor connected to CT terminal will be charged-up, if the
current limiting function starts, and VF terminal voltage decreases below VTHTIME (∼ 3 V).
If the charged-up CT terminal voltage is applied to OVP terminal through the level-shifter consisted of buffer
transistor and resistor, it makes type M51995A keep non-operating condition.
VCC
CT
CT
OVP
M51995A
+
Figure 37 Application Circuit Diagram to Keep the Non-Operating Condition when Over Load Current
Condition will Continue for Specified Duration
Output Circuit
1. The output terminal characteristics at the VCC voltage lower than the “Operation-stop” voltage
The output terminal has the current sink ability even though the VCC voltage lower than the “Operation-stop”
voltage or VCC(STOP) (It means that the terminal is “Output low state” and please refer characteristics of output low
voltage versus sink current.)
This characteristics has the merit not to damage the MOS FET at the stop of operation when the VCC voltage
decreases lower than the voltage of VCC (STOP), as the gate charge of MOS FET, which shows the capacitive load
characteristics to the output terminal, is drawn out rapidly.
The output terminal has the draw-out ability above the VCC voltage of 2 V, however, lower than the 2 V, it loses the
ability and the output terminal potential may rise due to the leakage current.
In this case, it is recommended to connect the resistor of 100 k
Ω between gate and source of MOS FET as shown in
figure 38.
M51995A
VOUT
To main
transformer
RCLM
100 k
Ω
Figure 38 Circuit Diagram to Prevent the MOS FET Gate Potential Rising



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com