Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M51995AFP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M51995AFP
Description  Switching Regulator Control
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51995AFP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M51995AFP Datasheet HTML 9Page - Renesas Technology Corp M51995AFP Datasheet HTML 10Page - Renesas Technology Corp M51995AFP Datasheet HTML 11Page - Renesas Technology Corp M51995AFP Datasheet HTML 12Page - Renesas Technology Corp M51995AFP Datasheet HTML 13Page - Renesas Technology Corp M51995AFP Datasheet HTML 14Page - Renesas Technology Corp M51995AFP Datasheet HTML 15Page - Renesas Technology Corp M51995AFP Datasheet HTML 16Page - Renesas Technology Corp M51995AFP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
M51995AP/AFP
REJ03D0835-0201 Rev.2.01 Nov 14, 2007
Page 13 of 40
Supply Voltage VCC (V)
Current from OVP Terminal for OVP
Reset vs. Supply Voltage
800
0
400
600
700
200
100
300
500
010
15
25
40
35
520
30
Ta = 25
°C
Ta = 85
°C
Ta =
−30 °C
Horizontal-axis: 20 ns/div
Vertical-axis: 50 mA/div
Horizontal-axis: 20 ns/div
Vertical-axis: 10 mA/div
Output Through Current Waveform
at Rising Edge of Output Pulse
Output Through Current Waveform
at Falling Edge of Output Pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com