Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M51995AFP Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # M51995AFP
Description  Switching Regulator Control
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51995AFP Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button M51995AFP Datasheet HTML 21Page - Renesas Technology Corp M51995AFP Datasheet HTML 22Page - Renesas Technology Corp M51995AFP Datasheet HTML 23Page - Renesas Technology Corp M51995AFP Datasheet HTML 24Page - Renesas Technology Corp M51995AFP Datasheet HTML 25Page - Renesas Technology Corp M51995AFP Datasheet HTML 26Page - Renesas Technology Corp M51995AFP Datasheet HTML 27Page - Renesas Technology Corp M51995AFP Datasheet HTML 28Page - Renesas Technology Corp M51995AFP Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
M51995AP/AFP
REJ03D0835-0201 Rev.2.01 Nov 14, 2007
Page 25 of 40
≈ 7.1 V
F/B
DET
2.5 V
500
Ω
6 S
3 k
1 S
+
−
OP
AMP
Figure 16 Equivalent Circuit Diagram of Voltage Detector
ON-OFF Circuit Section
Figure 17 shows the circuit diagram of ON-OFF circuit. The current flown into the ON-OFF terminal makes the Q4
“on” and the switching operation stop. On the other hand, the switching operation will recover as no current flown into
ON/OFF terminal makes Q4 “off”. As the constant current source connected to Q4 base terminal has such the
hysteresis characteristics of 20
µA at operation and 3 µA at stopping. So the unstable operation is not appeared even if
the ON/OFF terminal voltage signal varies slowly.
Q4
Q3
Q2
Q1
2 k
I
ON/OFF
Operate stop at Q4 ON
I: 3
µA at stopping
I: 20
µA at operating
Figure 17 ON/OFF Circuit
Figure 18 shows how to connect the ON/OFF terminal. The switching operation will stop by switch-off and operate by
switch-on.
Transistor or photo transistor can be replaced by this switch, of course. No resistor of 30 to 100 k
Ω is connected and
ON/OFF terminal is directly connected to GND, when it is not necessary to use the ON/OFF operation.
Figure 19 shows the ICC versus VCC characteristics in OFF state and VCC will be kept at not so high or low but at the
adequate voltage, when R1 shown in Application Example is selected properly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com