Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M51995 Datasheet(PDF) 21 Page - Mitsubishi Electric Semiconductor

Part # M51995
Description  SWITCHING REGULATOR CONTROL
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M51995 Datasheet(HTML) 21 Page - Mitsubishi Electric Semiconductor

Back Button M51995 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M51995 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M51995 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M51995 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M51995 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M51995 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M51995 Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M51995 Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M51995 Datasheet HTML 25Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
SWITCHING REGULATOR CONTROL
M51995AP/FP
MITSUBISHI (Dig./Ana. INTERFACE)
(
/ 27 )
21
M51995A
CVcc1
MAIN
TRANSFORMER
THIRD
WINDING
CVcc2
GND
Vcc
R1
Fig.27 DC source circuit for stable start-up
It is recommended to connect the capacitor between OVP
terminal and GND for avoiding the miss operation by the spike
noise.
The OVP terminal is connected with the sink current source
(~150µA) in IC when OVP does not operate,for absorbing the
leak current of the photo coupler in the application.
So the resistance between the OVP terminal and GND for leak-
cut is not necessary.
If the resistance is connected,the supply current at the OVP
reset supply voltage becomes large.
As the result,the OVP reset supply voltage may become higher
than the operation stop voltage.
In that case,the OVP action is reset when the OVP is triggered
at the supply voltage a little high than the operation stop
voltage.
So it should be avoided absolutely to connect the resistance
between the OVP terminal and GND.
(1)To avoid the miss operation of OVP
OVP circuit
M51995A
OVP
GND
Vcc
Fig.28 Peripheral circuit of OVP terminal
10k
PHOTO COUPLER
M51995A
MAIN
TRANSFORMER
THIRD
WINDING
CVcc
GND
Vcc
FIG.30 OVP setting method using the induced
third winding voltage on fly back system
The reset time may becomes problem when the discharge time
constant of CFIN • (R1+R2) is long. Under such the circuit
condition,it is recommended to discharge the CVCC forcedly and
to make the Vcc low value.This makes the OVP-reset time fast.
(2)Application circuit to make the OVP-reset time fast
For the over voltage protection (OVP),the induced fly back type
third winding voltage can be utilized,as the induced third
winding voltage depends on the output voltage.Fig.30 shows
one of the example circuit diagram.
(3)OVP setting method using the induced third winding
voltage on fly back system
M51995A
Fig.29 Example circuit diagram to make the
OVP-reset-time fast
~
R1
R2
GND
Vcc
TO MAIN
TRANSFORMER
CFIN
Cvcc
THE TIME CONSTANT OF
THIS PART SHOULD BE SHORT
470
Ω
OVP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com