Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NECVR4102 Datasheet(PDF) 39 Page - Epson Company

Part # NECVR4102
Description  SED1374 Embedded Memory Color LCD Controller
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

NECVR4102 Datasheet(HTML) 39 Page - Epson Company

Back Button NECVR4102 Datasheet HTML 35Page - Epson Company NECVR4102 Datasheet HTML 36Page - Epson Company NECVR4102 Datasheet HTML 37Page - Epson Company NECVR4102 Datasheet HTML 38Page - Epson Company NECVR4102 Datasheet HTML 39Page - Epson Company NECVR4102 Datasheet HTML 40Page - Epson Company NECVR4102 Datasheet HTML 41Page - Epson Company NECVR4102 Datasheet HTML 42Page - Epson Company NECVR4102 Datasheet HTML 43Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 420 page
background image
Epson Research and Development
Page 31
Vancouver Design Center
Hardware Functional Specification
SED1374
Issue Date: 99/04/29
X26A-A-001-02
7.1.4 Motorola M68K #2 Interface Timing
Figure 7-4: M68K #2 Timing (MC68030)
Note
CLK may be turned off (held low) between accesses - see Section 13.5, “Turning Off
BCLK Between Accesses” on page 86
Table 7-4: M68K #2 Timing (MC68030)
Symbol
Parameter
Min
Max
Units
fCLK
Bus Clock frequency
0
33
MHz
TCLK
Bus Clock period
1/fCLK
t1
A[15:0], CS#, SIZ0, SIZ1 valid before AS# falling edge
0
ns
t2
A[15:0], CS#, SIZ0, SIZ1 hold from AS#, DS# rising edge
0
ns
t3
AS# low to DSACK1# driven high
22
ns
t4
CLK to DSACK1# low
18
ns
t5
AS# high to DSACK1# high
26
ns
t6
AS# high to DSACK1# high impedance
TCLK
t7
DS# falling edge to D[31:16] valid (write cycle)
TCLK / 2
t8
AS#, DS# rising edge to D[31:16] invalid (write cycle)
0
ns
t9
D[31:16] valid to DSACK1# low (read cycle)
0
ns
t10
AS#, DS# rising edge to D[31:16] high impedance
20
ns
A[15:0]
AS#
DS#
VALID
t1
t8
t2
t7
R/W#
Hi-Z
CS#
SIZ0, SIZ1
CLK
t5
t3
t4
DSACK1#
Hi-Z
Hi-Z
t6
TCLK
t9
VALID
Hi-Z
Hi-Z
D[31:16]
D[31:16]
VALID
Hi-Z
t10
(write)
(read)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com