Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NECVR4102 Datasheet(PDF) 49 Page - Epson Company

Part # NECVR4102
Description  SED1374 Embedded Memory Color LCD Controller
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

NECVR4102 Datasheet(HTML) 49 Page - Epson Company

Back Button NECVR4102 Datasheet HTML 45Page - Epson Company NECVR4102 Datasheet HTML 46Page - Epson Company NECVR4102 Datasheet HTML 47Page - Epson Company NECVR4102 Datasheet HTML 48Page - Epson Company NECVR4102 Datasheet HTML 49Page - Epson Company NECVR4102 Datasheet HTML 50Page - Epson Company NECVR4102 Datasheet HTML 51Page - Epson Company NECVR4102 Datasheet HTML 52Page - Epson Company NECVR4102 Datasheet HTML 53Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 420 page
background image
Epson Research and Development
Page 41
Vancouver Design Center
Hardware Functional Specification
SED1374
Issue Date: 99/04/29
X26A-A-001-02
7.3.5 Single Color 4-Bit Panel Timing
Figure 7-14: Single Color 4-Bit Panel Timing
VDP =
Vertical Display Period
= (REG[06h] bits 1-0, REG[05h] bits 7-0) + 1 Lines
VNDP =
Vertical Non-Display Period
= REG[0Ah] bits 5-0 Lines
HDP =
Horizontal Display Period
= ((REG[04h] bits 6-0) + 1) x 8Ts
HNDP =
Horizontal Non-Display Period
= (REG[08h] + 4) x 8Ts
VDP
FPLINE
FPDAT[7:4]
LINE1
LINE2
LINE3
LINE4
LINE479 LINE480
FPFRAME
LINE1
LINE2
FPLINE
DRDY (MOD)
FPDAT6
FPDAT5
FPDAT4
FPDAT7
DRDY (MOD)
VNDP
1-R1
1-G1
1-B1
1-R2
1-G2
1-B2
1-R3
1-G3
1-B3
1-R4
1-G4
1-B4
1-B319
1-R320
1-G320
1-B320
HDP
HNDP
* Diagram drawn with 2 FPLINE vertical blank period
Example timing for a 640x480 panel
FPSHIFT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com