Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NECVR4102 Datasheet(PDF) 46 Page - Epson Company

Part # NECVR4102
Description  SED1374 Embedded Memory Color LCD Controller
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

NECVR4102 Datasheet(HTML) 46 Page - Epson Company

Back Button NECVR4102 Datasheet HTML 42Page - Epson Company NECVR4102 Datasheet HTML 43Page - Epson Company NECVR4102 Datasheet HTML 44Page - Epson Company NECVR4102 Datasheet HTML 45Page - Epson Company NECVR4102 Datasheet HTML 46Page - Epson Company NECVR4102 Datasheet HTML 47Page - Epson Company NECVR4102 Datasheet HTML 48Page - Epson Company NECVR4102 Datasheet HTML 49Page - Epson Company NECVR4102 Datasheet HTML 50Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 420 page
background image
Page 38
Epson Research and Development
Vancouver Design Center
SED1374
Hardware Functional Specification
X26A-A-001-02
Issue Date: 99/04/29
Figure 7-11: Single Monochrome 4-Bit Panel A.C. Timing
1.
Ts
= pixel clock period
2.
t1min
= t3min - 9Ts
3.
t3min
= [((REG[04h] bits 6-0)+1) x 8 + ((REG[08h] bits 4-0) + 4) x 8]Ts
4.
t6min
= [(REG[08h] bits 4-0) x 8 + 2]Ts
5.
t7min
= [(REG[08h] bits 4-0) x 8 + 11]Ts
Symbol
Parameter
Min
Typ
Max
Units
t1
Frame Pulse setup to Line Pulse falling edge
note 2
(note 1)
t2
Frame Pulse hold from Line Pulse falling edge
9
Ts
t3
Line Pulse period
note 3
t4
Line Pulse pulse width
9
Ts
t5
MOD delay from Line Pulse rising edge
1
Ts
t6
Shift Pulse falling edge to Line Pulse rising edge
note 4
t7
Shift Pulse falling edge to Line Pulse falling edge
note 5
t8
Line Pulse falling edge to Shift Pulse falling edge
t14 + 2
Ts
t9
Shift Pulse period
4
Ts
t10
Shift Pulse pulse width low
2
Ts
t11
Shift Pulse pulse width high
2
Ts
t12
FPDAT[7:4] setup to Shift Pulse falling edge
2
Ts
t13
FPDAT[7:4] hold to Shift Pulse falling edge
2
Ts
t14
Line Pulse falling edge to Shift Pulse rising edge
23
Ts
Frame Pulse
Line Pulse
DRDY (MOD)
Sync Timing
Line Pulse
Shift Pulse
FPDAT[7:4]
Data Timing
t12
t13
t14
t10
t11
t5
t1
t2
t3
t4
t8
t9
12
t7
t6
Note: For this timing diagram Mask FPSHIFT, REG[01h] bit 3, is set to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com