Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4652 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4652
Description  LM4651 & LM4652 Overture??Audio Power Amplifier 170W Class D Audio Power Amplifier Solution
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4652 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4652 Datasheet HTML 1Page - National Semiconductor (TI) LM4652 Datasheet HTML 2Page - National Semiconductor (TI) LM4652 Datasheet HTML 3Page - National Semiconductor (TI) LM4652 Datasheet HTML 4Page - National Semiconductor (TI) LM4652 Datasheet HTML 5Page - National Semiconductor (TI) LM4652 Datasheet HTML 6Page - National Semiconductor (TI) LM4652 Datasheet HTML 7Page - National Semiconductor (TI) LM4652 Datasheet HTML 8Page - National Semiconductor (TI) LM4652 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LM4651 Pin Descriptions
Pin No.
Symbol
Description
1
OUT
1
The reference pin of the power MOSFET output to the gate drive circuitry.
2,27
BS
1,BS2
The bootstrap pin provides extra bias to drive the upper gates, HG
1,HG2.
3HG
1
High−Gate #1 is the gate drive to a top side MOSFET in the H-Bridge.
4HG
2
High−Gate #2 is the gate drive to a top side MOSFET in the H-Bridge.
5,15
GND
The ground pin for all analog circuitry.
6
+6V
BYP
The internally regulated positive voltage output for analog circuitry. This pin is available
for internal regulator bypassing only.
7+V
CC
The positive supply input for the IC.
8
−6V
BYP
The internally regulated negative voltage output for analog circuitry. This pin is available
for internal regulator bypassing only.
9F
BKVO
The feedback instrumentation amplifier output pin.
10
E
RRIN
The error amplifier inverting input pin. The input audio signal and the feedback signal are
summed at this input pin.
11
E
RRVO
The error amplifier output pin.
12
TSD
The thermal shut down input pin for the thermal shut down output of the LM4652.
13
STBY
Standby function input pin. This pin is CMOS compatible.
14
FBK
1
The feedback instrumentation amplifier pin. This must be connected to the feedback filter
from V
O1 (pin 15 on the LM4652 ).
16
OSC
The switching frequency oscillation pin. Adjusting the resistor from 15.5k
Ω to 0Ω
changes the switching frequency from 75kHz to 225kHz.
17
Delay
The dead time setting pin.
18
SCKT
Short circuit setting pin. Minimum setting is 10A.
19
FBK
2
The feedback instrumentation amplifier pin. This must be connected to the feedback filter
from V
O2 (pin 7 on the LM4652 ).
20,21
−V
DDBYP
The regulator output for digital blocks. This pin is for bypassing only.
22,23
−V
EE
The negative voltage supply pin for the IC.
24
START
The start up capacitor input pin. This capacitor adjusts the start up time of the diagnostic
sequence for the modulator. Refer to Start up Sequence and Timing in the
Application Information section.
25
LG
1
Low−Gate #1 is the gate drive to a bottom side MOSFET in the H-Bridge.
26
LG
2
Low−Gate #2 is the gate drive to a bottom side MOSFET in the H-Bridge.
28
OUT
2
The reference pin of the power MOSFET output to the gate drive circuitry.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com