Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4652 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4652
Description  LM4651 & LM4652 Overture??Audio Power Amplifier 170W Class D Audio Power Amplifier Solution
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4652 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4652 Datasheet HTML 6Page - National Semiconductor (TI) LM4652 Datasheet HTML 7Page - National Semiconductor (TI) LM4652 Datasheet HTML 8Page - National Semiconductor (TI) LM4652 Datasheet HTML 9Page - National Semiconductor (TI) LM4652 Datasheet HTML 10Page - National Semiconductor (TI) LM4652 Datasheet HTML 11Page - National Semiconductor (TI) LM4652 Datasheet HTML 12Page - National Semiconductor (TI) LM4652 Datasheet HTML 13Page - National Semiconductor (TI) LM4652 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Application Information
GENERAL FEATURES
System Functional Information: The LM4651 is a conven-
tional pulse width modulator/driver. As Figure 2 shows the
incoming audio signal is compared with a triangle waveform
with a much higher frequency than the audio signal (not
drawn to scale). The comparator creates a variable duty
cycle squarewave. The squarewave has a duty cycle propor-
tional to the audio signal level. The squarewave is then
properly conditioned to drive the gates of power MOSFETs in
an H-bridge configuration, such as the LM4652. The pulse
train of the power MOSFETs are then fed into a low pass
filter (usually a LC) which removes the high frequency and
delivers an amplified replica of the audio input signal to the
load.
Standby Function: The standby function of the LM4651 is
CMOS compatible, allowing the user to perform a muting of
the music as well as turning off all power MOSFETs by
shutting down the pulse width waveform. Standby has the
added advantage of minimizing the quiescent current. Be-
cause standby shuts down the pulse width waveform, the
attenuation of the music is complete (>120dB), EMI is mini-
mized, and any output noise is eliminated since there is no
modulation waveform. By placing a logic ’1’ or 5V at pin 13,
the standby function will be enabled. A logic ’0’ or 0V at pin
13 will disable the standby function allowing modulation by
the input signal.
Under Voltage Protection: The under voltage protection
disables the output driver section of the LM4651 while the
supply voltage is below ± 10.5V. This condition can occur as
power is first applied or when low line, changes in load
resistance or power supply sag occurs. The under voltage
protection ensures that all power MOSFETs are off, eliminat-
ing any shoot-through current and minimizing pops or clicks
during turn-on and turn-off. The under voltage protection
gives the digital logic time to stabilize into known states
providing a popless turn on.
Start Up Sequence and Self-Diagnostic Timing: The
LM4651 has an internal soft start feature (see Figure 3) that
ensures reliable and consistent start-up while minimizing
turn-on thumps or pops. During the start-up cycle the system
is in standby mode. This start-up time is controlled externally
by adjusting the capacitance (C
START) value connected to
the START pin. The start-up time can be controlled by the
capacitor value connected to the START pin given by Equa-
tion (1) or (2):
t
START = (8.4x10
4)C
START
(seconds)
(1)
C
START =TSTART/(8.5x10
4)
(Farads)
(2)
The value of C
START sets the time it takes for the IC to go
though the start-up sequence and the frequency that the
diagnostic circuitry checks to see if an error condition has
been corrected. An Error condition occurs if current limit,
thermal shut down, under voltage detection, or standby are
sensed. The self-diagnostic circuit checks to see if any one
of these error flags has been removed at a frequency set by
the C
START capacitor. For example, if the value of CSTART is
10µF then the diagnostic circuitry will check approximately
every second to see if an error condition has been corrected.
If the error condition is no longer present, the LM4651/52 will
return to normal operation.
Current Limiting and Short Circuit Protection: The resis-
tor value connected between the SCKT pin and GND deter-
mines the maximum output current. Once the output current
is higher than the set limit, the short circuit protection turns
all power MOSFETs off. The current limit is set to a minimum
of 10A internally but can be increased by adjusting the value
of the R
SCKT resistor. Equation (3) shows how to find RSCKT.
I
SCKT = 1X10
5/(10k
Ω\ R
SCKT)
(Amps)
(3)
This feature is designed to protect the MOSFETs by setting
the maximum output current limit under short circuit condi-
tions. It is designed to be a fail-safe protection when the
output terminals are shorted or a speaker fails and causes a
short circuit condition.
Thermal Protection The LM4651 has internal circuitry (pin
12) that is activated by the thermal shutdown output signal
from the LM4652 (pin 4). The LM4652 has thermal shut
down circuitry that monitors the temperature of the die. The
voltage on the TSD pin (pin 4 of the LM4652) goes high (6V)
once the temperature of the LM4652 die reaches 150˚C.
This pin should be connected directly to the TSD pin of the
LM4651 (pin 12). The LM4651 disables the pulse width
waveform when the LM4652 transmits the thermal shutdown
flag. The pulse width waveform remains disabled until the
TSD flag from the LM4652 goes low, signaling the junction
temperature has cooled to a safe level.
Dead Time Setting The DELAY pin on the LM4651 allows
the user to set the amount of dead time or break before
make of the system. This is the amount of time one pair of
FETs are off before another pair is switched on. Increased
dead time will reduce the shoot through current but has the
disadvantage of increasing THD. The dead time should be
DS101277-1
FIGURE 2. Conventional Pulse Width Modulation
DS101277-70
FIGURE 3. Startup Timing Diagram
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com