Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4652 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4652
Description  LM4651 & LM4652 Overture??Audio Power Amplifier 170W Class D Audio Power Amplifier Solution
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4652 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4652 Datasheet HTML 1Page - National Semiconductor (TI) LM4652 Datasheet HTML 2Page - National Semiconductor (TI) LM4652 Datasheet HTML 3Page - National Semiconductor (TI) LM4652 Datasheet HTML 4Page - National Semiconductor (TI) LM4652 Datasheet HTML 5Page - National Semiconductor (TI) LM4652 Datasheet HTML 6Page - National Semiconductor (TI) LM4652 Datasheet HTML 7Page - National Semiconductor (TI) LM4652 Datasheet HTML 8Page - National Semiconductor (TI) LM4652 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM4651 & LM4652
Overture™ Audio Power Amplifier
170W Class D Audio Power Amplifier Solution
General Description
The IC combination of the LM4651 driver and the LM4652
power MOSFET provides a high efficiency, Class D sub-
woofer amplifier solution.
The LM4651 is a fully integrated conventional pulse width
modulator driver IC. The IC contains short circuit, under
voltage, over modulation, and thermal shut down protection
circuitry. It contains a standby function, which shuts down
the pulse width modulation and minimizes supply current.
The LM4652 is a fully integrated H-bridge power MOSFET
IC in a TO-220 power package. Together, these two IC’s
form a simple, compact high power audio amplifier solution
complete with protection normally seen only in Class AB
amplifiers. Few external components and minimal traces
between the IC’s keep the PCB area small and aids in EMI
control.
The near rail-to-rail switching amplifier substantially in-
creases the efficiency compared to Class AB amplifiers. This
high efficiency solution significantly reduces the heat sink
size compared to a Class AB IC of the same power level.
This two-chip solution is optimum for powered subwoofers
and self powered speakers.
Key Specifications
n
Output power into 4
Ω with < 10% THD.
170W (Typ)
n
THD at 10W, 4
Ω, 10 − 500Hz.
< 0.3% THD (Typ)
n
Maximum efficiency at 125W
85% (Typ)
n
Standby attenuation.
>100dB (Min)
Features
n
Conventional pulse width modulation.
n
Externally controllable switching frequency.
n
50kHZ to 200kHz switching frequency range.
n
Integrated error amp and feedback amp.
n
Turn−on soft start and under voltage lockout.
n
Over modulation protection (soft clipping).
n
Short circuit current limiting and thermal shutdown
protection.
n
15 Lead TO−220 isolated package.
n
Self checking protection diagnostic.
Applications
n
Powered subwoofers for home theater and PC’s
n
Car booster amplifier
n
Self-powered speakers
Connection Diagrams
Overture® is a registered trademark of National Semiconductor Corporation.
LM4651 Plastic Package
DS101277-72
Top View
Order Number LM4651N
See NS Package Number N28B
LM4652 Plastic Package (Note 8)
DS101277-73
Isolated TO-220 Package
Order Number LM4652TF
See NS Package Number TF15B
or
Non-Isolated TO-220 Package
Order Number LM4652TA
See NS Package Number TA15A
August 2000
© 2001 National Semiconductor Corporation
DS101277
www.national.com


Similar Part No. - LM4652

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4652 NSC-LM4652 Datasheet
1Mb / 32P
170W Class D Audio Power Amplifier Solution
LM4652TA NSC-LM4652TA Datasheet
1Mb / 32P
170W Class D Audio Power Amplifier Solution
LM4652TF NSC-LM4652TF Datasheet
1Mb / 32P
170W Class D Audio Power Amplifier Solution
More results

Similar Description - LM4652

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
Class-D Audio Power Amplifier
ADAU1592 AD-ADAU1592 Datasheet
540Kb / 24P
Class-D Audio Power Amplifier
5/07-Revision 0
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
Class-D Audio Power Amplifier
logo
National Semiconductor ...
LM4651 NSC-LM4651_09 Datasheet
1Mb / 32P
170W Class D Audio Power Amplifier Solution
logo
Analog Devices
ADAU1590 AD-ADAU1590_15 Datasheet
1Mb / 24P
Class-D Audio Power Amplifier
REV. 0
ADAU1592 AD-ADAU1592_15 Datasheet
607Kb / 24P
Class-D Audio Power Amplifier
REV. A
logo
International Rectifier
IRAUDAMP9 IRF-IRAUDAMP9_15 Datasheet
4Mb / 39P
Class D Audio Power Amplifier
logo
Texas Instruments
LM4651 TI1-LM4651 Datasheet
2Mb / 34P
Audio Power Amplifier 170W Class D Audio Power Amplifier Solution
LM3875 TI1-LM3875 Datasheet
835Kb / 29P
LM3875 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com