Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944B Datasheet(PDF) 13 Page - Cirrus Logic

Part # WM8944B
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944B Datasheet(HTML) 13 Page - Cirrus Logic

Back Button WM8944B Datasheet HTML 9Page - Cirrus Logic WM8944B Datasheet HTML 10Page - Cirrus Logic WM8944B Datasheet HTML 11Page - Cirrus Logic WM8944B Datasheet HTML 12Page - Cirrus Logic WM8944B Datasheet HTML 13Page - Cirrus Logic WM8944B Datasheet HTML 14Page - Cirrus Logic WM8944B Datasheet HTML 15Page - Cirrus Logic WM8944B Datasheet HTML 16Page - Cirrus Logic WM8944B Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 165 page
background image
WM8944B
Rev 4.3
13
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MICBIAS
Bias voltage (changes
in proportion to
LDOVOUT)
MICBIAS
MICB_LVL = 0
2.55
2.7
2.85
V
MICB_LVL = 1
1.95
V
Bias Current source
VMICBIAS within +/-3%
3
mA
Output noise spectral
density
1kHz to 20kHz
40
nV/
Hz
PSRR (with respect to
LDOVDD)
217Hz, 100mV pk-pk
70
dB
1kHz, 100mV pk-pk
85
Bandgap Reference
Bandgap Voltage
-10%
1.5
+10%
V
Analogue Reference Levels
Midrail Reference
Voltage (changes in
proportion to
LDOVOUT)
VMID
VMID_REF_SEL = 1
VMID_CTRL=1
1.5
V
Bandgap Reference
BG_VSEL=01010
-10%
1.5
+10%
V
Note:
The maximum LDO output current is the total internal and external load capability; internal circuits of the WM8944B will typically
account for 25mA of this capacity.
TERMINOLOGY
1.
Signal-to-Noise Ratio (dB)
– SNR is the difference in level between a full scale output signal and the device output noise with
no signal applied, measured over a bandwidth of 20Hz to 20kHz. This ratio is also called idle channel noise. (No Auto-zero or
Mute function is employed).
2.
Total Harmonic Distortion (dB)
– THD is the difference in level between a 1kHz reference sine wave output signal and the first
seven harmonics of the output signal. The amplitude of the fundamental frequency of the output signal is compared to the
RMS value of the next seven harmonics and expressed as a ratio.
3.
Total Harmonic Distortion plus Noise (dB)
– THD+N is the difference in level between a 1kHz reference sine wave output
signal and all noise and distortion products in the audio band. The amplitude of the fundamental reference frequency of the
output signal is compared to the RMS value of all other noise and distortion products and expressed as a ratio.
4.
Mute Attenuation
– This is a measure of the difference in level between the full scale output signal and the output with mute
applied.
5.
Power Supply Rejection Ratio (dB)
– PSRR is a measure of ripple attenuation between a power supply rail and a signal output
path. With the signal path idle, a small sine wave ripple is applied to power supply rail. The amplitude of the supply ripple is
compared to the amplitude of the output signal generated and is expressed as a ratio.
6.
All performance measurements are carried out with 20kHz AES17 low pass filter for distortion measurements, and an
A-weighted filter for noise measurement. Failure to use such a filter will result in higher THD and lower SNR and Dynamic
Range readings than are found in the Electrical Characteristics. The low pass filter removes out-of-band noise; although it is
not audible, it may affect dynamic specification values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com