Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944B Datasheet(PDF) 21 Page - Cirrus Logic

Part # WM8944B
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944B Datasheet(HTML) 21 Page - Cirrus Logic

Back Button WM8944B Datasheet HTML 17Page - Cirrus Logic WM8944B Datasheet HTML 18Page - Cirrus Logic WM8944B Datasheet HTML 19Page - Cirrus Logic WM8944B Datasheet HTML 20Page - Cirrus Logic WM8944B Datasheet HTML 21Page - Cirrus Logic WM8944B Datasheet HTML 22Page - Cirrus Logic WM8944B Datasheet HTML 23Page - Cirrus Logic WM8944B Datasheet HTML 24Page - Cirrus Logic WM8944B Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 165 page
background image
WM8944B
Rev 4.3
21
DEVICE DESCRIPTION
INTRODUCTION
The WM8944B is a highly integrated low power hi-fi CODEC designed for portable devices such as
digital still cameras and multimedia phones. Flexible analogue interfaces and powerful digital signal
processing (DSP) in a 2.41 x 2.41mm footprint make it ideal for small portable devices.
The WM8944B supports up to 2 analogue audio inputs. One single-ended or pseudo differential
microphone / line input may be selected as the ADC input source. The analogue inputs can also be
configured as inputs to the output mixers, either as two single ended inputs or as a differential pair. An
integrated bias reference is provided to power standard electret microphones. A stereo digital
microphone interface is also supported, with direct input to the DSP core.
The hi-fi ADC and DAC operate at sample rates from 8kHz up to 48kHz. A high pass filter is available
in the ADC path for removing DC offsets and suppressing low frequency noise such as mechanical
vibration and wind noise. A digital tone (‘beep’) generator allows audio tones to be injected into the
DAC output path.
The WM8944B provides a powerful DSP capability for configurable filtering and processing of the
digital audio path. The DSP provides low-pass / high-pass filtering, notch filters, 5-band EQ, dynamic
range control (DRC) and a programmable DF1 digital filter. The tuned notch filters allow narrow
frequency bands to be attenuated, to provide filtering of motor noise or other unwanted sounds; the 5-
band EQ allows the signal to be adjusted for user-preferences. The dynamic range control provides a
range of compression, limiting and noise gate functions to support optimum configuration for recording
or playback modes. The DF1 filter allows user-specified filters to be implemented in the digital signal
chain. 3D stereo enhancement is provided; this may be used on the stereo digital microphone input
path.
The ReTune
™ feature is a highly-configurable DSP algorithm which can be tailored to cancel or
compensate for imperfect characteristics of the housing, loudspeaker or microphone components in
the target application. The ReTune algorithm coefficients and register contents are calculated using
Cirrus Logic’s WISCE™ software; lab bench tests and audio reference measurements must be
performed in order to determine the optimum settings.
The digital signal routing between the ADC, DAC and I2S digital audio interface can be configured in
different ways according to the application requirements. The DSP functions may be applied to the
ADC record path, the DAC playback path, or split between the two paths (refer to the DSP
Configuration Modes section).
Two analogue output mixers are provided, connected to 3 analogue output pins. A mono line output
and mono BTL speaker may be connected to these outputs.
The WM8944B incorporates an LDO regulator for compatibility with a wide range of supply rails; the
internal LDO can also reduce any interference resulting from a noisy supply rail. The LDO regulator
can also be used to provide a regulated supply voltage to other circuits.
I2C or SPI control interface modes for read/write access to the register map. A single external clock
provides timing reference for all the digital functions; an integrated Frequency Locked Loop (FLL) also
provides flexibility to perform frequency conversions and to remove noise/jitter from the external clock.
The FLL can be configured for reduced power consumption, or for different filtering requirements of
the reference source.
Additional functions include a current-mode video buffer providing excellent video signal reproduction
at low operating voltages. Up to 2 GPIO pins may be configured for miscellaneous input/output, or for
status indications from the temperature monitoring functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com