Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944B Datasheet(PDF) 39 Page - Cirrus Logic

Part # WM8944B
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944B Datasheet(HTML) 39 Page - Cirrus Logic

Back Button WM8944B Datasheet HTML 35Page - Cirrus Logic WM8944B Datasheet HTML 36Page - Cirrus Logic WM8944B Datasheet HTML 37Page - Cirrus Logic WM8944B Datasheet HTML 38Page - Cirrus Logic WM8944B Datasheet HTML 39Page - Cirrus Logic WM8944B Datasheet HTML 40Page - Cirrus Logic WM8944B Datasheet HTML 41Page - Cirrus Logic WM8944B Datasheet HTML 42Page - Cirrus Logic WM8944B Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 165 page
background image
WM8944B
Rev 4.3
39
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R29 (1Dh)
DRC Control 1
7
DRC_ENA
0
DRC Enable
0 = Disabled
1 = Enabled
Table 15 DRC Enable
DRC COMPRESSION / EXPANSION / LIMITING
The DRC supports two different compression regions,
separated by a “Knee” at a specific input
amplitude. In the region above the knee, the compression slope DRC_HI_COMP applies; in the region
below the knee, the compression slope DRC_LO_COMP applies.
The DRC also supports a noise gate region, where low-level input signals are heavily attenuated. This
function can be enabled or disabled according to the application requirements. The DRC response in
this region is defined by the expansion slope DRC_NG_EXP.
For additional attenuation of signals in the noise gate region, an additional “knee” can be defined
(shown as “Knee2” in Figure 16). When this knee is enabled, this introduces an infinitely steep drop-
off in the DRC response pattern between the DRC_LO_COMP and DRC_NG_EXP regions.
The overall DRC compression characteristic in “steady state” (i.e. where the input amplitude is near-
constant) is illustrated in Figure 16.
DRC_KNEE_IP
(Y0)
0dB
DRC
_HI_
COMP
DRC
_LO_
COMP
DRC Input Amplitude (dB)
DRC Output Amplitude (dB)
DRC_KNEE_OP
Knee1
Knee2
DRC_KNEE2_IP
DRC_KNEE2_OP
Figure 16 DRC Response Characteristic
The
slope
of
the
DRC
response
is
determined
by register
fields
DRC_HI_COMP
and
DRC_LO_COMP. A slope of 1 indicates constant gain in this region. A slope less than 1 represents
compression (i.e. a change in input amplitude produces only a smaller change in output amplitude). A
slope of 0 indicates that the target output amplitude is the same across a range of input amplitudes;
this is infinite compression.
When the noise gate is enabled, the DRC response in this region is determined by the DRC_NG_EXP
register. A slope of 1 indicates constant gain in this region. A slope greater than 1 represents
expansion (ie. a change in input amplitude produces a larger change in output amplitude).
When the DRC_KNEE2_OP knee is enabled (“Knee2” in Figure 16), this introduces the vertical line in
the response pattern illustrated, resulting in infinitely steep attenuation at this point in the response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com