Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4P Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MA4P
Description  High Power PIN Diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4P Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

Back Button MA4P Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4P Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4P Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4P Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4P Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4P Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4P Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4P Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MA4P Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
High Power PIN Diodes
V16
MA4P MELF & HIPAX Series
6
6
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
6
Parameter
Symbol
Condition
MA4P4000
Series
MA4P4300
Series
MA4P7000
Series
MA4P7100
Series
Maximum Series Resistance
RS
IF = 100 mA
0.5 Ω
1.0 Ω
0.9 Ω
0.5 Ω
Maximum Total Capacitance
CT
VR = 100 V
2.2 pF
2.0 pF
0.7 pF
1.0 pF
Minimum Parallel Resistance
RP
VR = 100 V
20 kΩ
50 kΩ
200 kΩ
100 kΩ
Minimum Carrier Lifetime
TL
IF = 10 mA
20 µs
15 µs
5 µs
2.5 µs
Maximum Forward Voltage
VF
IF = 100 mA
1.0 V
1.2 V
1.0 V
1.0 V
Maximum Reverse Current
IR
At max. rated voltage
1 µA
1 µA
1 µA
1 µA
Nominal I-Region Width
μ
—
175 µm
300 µm
175 µm
100 µm
Package
Style
Condition
MA4P4000
Series
MA4P4300
Series
MA4P7000
Series
MA4P7100
Series
PDISS
θJC
PDISS
θJC
PDISS
θJC
PDISS
θJC
B
Axial Leaded
1/4” Lead Length
12 W
12.5°C/W
10 W
15°C/W
5 W
30°C/W
6 W
25°C/W
No Heatsink
2.5 W
—
2.5 W
—
1.5 W
—
1.5 W
—
F
MELF
Infinite Heatsink
7.5 W
20°C/W
5 W
30°C/W
10 W
15°C/W
11.5 W
13°C/W
Both B and F
Single 1 µs pulse
100 kW
—
100 kW
—
15 kW
—
15 kW
—
Both B and F
Single 100 µs
5 kW
0.03°C/W
5 kW
0.03°C/W
300 W
0.5°C/W
300 W
0.5°C/W
MA4P4000 - MA4P7100 Series Electrical Specifications @ TA = +25°C
Maximum Reverse
Voltage Rating
MA4P4000
Series
MA4P4300
Series
MA4P7000
Series
MA4P7100
Series
100 V
MA4P4001B-402
MA4P4001BNM-402
MA4P4001F-1091T
MA4P4301B-402
MA4P4301F-1091T
MA4P7001F-1072T
MA4P7101B-401T
MA4P7101F-1072T
200 V
MA4P4002B-402
MA4P4002F-1091T
MA4P4302B-402
MA4P7002B-401T
MA4P7002F-1072T
MA4P7102B-401T
MA4P7102F-1072T
400 V
—
—
—
MA4P7104B-401T
MA4P7104F-1072T
600 V
MA4P4006F-1091T
MA4P4006B-402
—
MA4P7006B-401T
MA4P7006F-1072T
—
Maximum Reverse Voltage Rating ( VR )
*Notes:
1.) “NM” in the base part number signifies non-magnetic package.
2.) “T” suffix denotes tape and reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com