Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4P Datasheet(PDF) 12 Page - M/A-COM Technology Solutions, Inc.

Part # MA4P
Description  High Power PIN Diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4P Datasheet(HTML) 12 Page - M/A-COM Technology Solutions, Inc.

Back Button MA4P Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4P Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4P Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4P Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4P Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MA4P Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MA4P Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MA4P Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. MA4P Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
High Power PIN Diodes
V16
MA4P MELF & HIPAX Series
12
12
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
12
HIPAX PIN diodes are designed to meet most environmental and electrical requirements and may be ordered
screened to MIL-STD-750 specifications as described in the table below.
TEST
METHOD
DESCRIPTION/ CONDITIONS
Moisture Resistance
1021
85°C, 85% Relative Humidity, 168 hrs
High Temperature Storage
1031
+175°C , 250 Hours
HTRB
1038
80% of rated VR, 50°C, 96 Hours
Temperature Shock
1051
-65°C to +175°C, 20 Cycles
Fine Leak
1071 Cond. H
1 x 10-7 CC/Sec
Constant Acceleration
2006
20,000 G’s
Solderability
2026
IPC/JDEC J-STD-02
Tension1
2036.3 Cond. A
2 Lbs., 30 Seconds
Lead Fatigue1
2036.3 Cond. E
3 Cycles, 8 oz., 90°,
Note:
1) Test applicable to HIPAX axially leaded devices only.
Environmental Ratings
.060” Min
.060” Min
Axial Leaded HIPAX Assembly Recommendations
Bends on case styles 401 and 402, axially leaded devices, must be made while holding the lead firm and forming
the bend no closer than .060 inches from the body of the part. Bending the lead <0.060 inches from the body of
the part is not recommended and may cause internal damage to the chip. Appropriate fixturing should be used.
Devices may be soldered using standard 60Sn/40Pb or any RoHS compliant solders. Axial leads are tin plated
50 μm thick to ensure an optimum connection.
For recommended Sn/Pb and RoHS soldering profiles see Application Note M538 on the MACOM website.
Case Style 401 & 402
Internal Construction
Case Style 401 & 402
Minimum Bend Distance
Package Style
Quantity Per Reel
Bulk Devices Per Bag
401T
500 or 1000 (specify qty. when ordering)
N/A
402
N/A
100
Ordering Information
Axial leaded diodes are available in tape and reel or bulk in quantities shown in the table below
Passivated Chip
Cathode Band



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com