Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4P Datasheet(PDF) 11 Page - M/A-COM Technology Solutions, Inc.

Part # MA4P
Description  High Power PIN Diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4P Datasheet(HTML) 11 Page - M/A-COM Technology Solutions, Inc.

Back Button MA4P Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4P Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4P Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4P Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4P Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MA4P Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MA4P Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MA4P Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. MA4P Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
High Power PIN Diodes
V16
MA4P MELF & HIPAX Series
11
11
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
11
Ordering Information
MELF diodes are available in tape and reel in quantities as shown in table below
Package Style
Quantity (7” Reel)
Bulk Devices Per Bag
1072T
1500 or 5000
N/A
1091T
500
N/A
MELF Assembly Recommendations
Devices may be soldered using standard 60Sn/40Pb or RoHS compliant solders. Axial leads and solderable
surfaces of MELF devices are tin plated 50 μm thick to ensure an optimum connection.
For recommended Sn/Pb and RoHS soldering profiles See Application Note M538 on the MACOM website.
Dimension
Package Style
1091
1072
inches
mm
inches
mm
A
0.093
2.36
0.150
3.81
B
0.050
1.27
0.050
1.27
C
0.060
1.52
0.100
2.54
B
B
C
A
Circuit Pad Layout for MELF Diodes
MELF Internal Construction
Tape and reel information can be found in application note M513 the MACOM website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com