Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4752TS Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4752TS
Description  Stereo 11W Audio Power Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4752TS Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM4752TS Datasheet HTML 2Page - National Semiconductor (TI) LM4752TS Datasheet HTML 3Page - National Semiconductor (TI) LM4752TS Datasheet HTML 4Page - National Semiconductor (TI) LM4752TS Datasheet HTML 5Page - National Semiconductor (TI) LM4752TS Datasheet HTML 6Page - National Semiconductor (TI) LM4752TS Datasheet HTML 7Page - National Semiconductor (TI) LM4752TS Datasheet HTML 8Page - National Semiconductor (TI) LM4752TS Datasheet HTML 9Page - National Semiconductor (TI) LM4752TS Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
System Application Circuit
External Components Description
Components
Function Description
1, 2
Cs
Provides power supply filtering and bypassing.
3, 4
Rsn
Works with Csn to stabilize the output stage from high frequency oscillations.
5, 6
Csn
Works with Rsn to stabilize the output stage from high frequency oscillations.
7
Cb
Provides filtering for the internally generated half-supply bias generator.
8, 9
Ci
Input AC coupling capacitor which blocks DC voltage at the amplifier’s input terminals.
Also creates a high pass filter with fc=1/(2
•
π • Rin • Cin).
10, 11
Co
Output AC coupling capacitor which blocks DC voltage at the amplifier’s output terminal.
Creates a high pass filter with fc=1/(2
•
π • Rout • Cout).
12, 13
Ri
Voltage control - limits the voltage level to the amplifier’s input terminals.
DS100039-5
FIGURE 4. Circuit for External Components Description
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com