Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4752TS Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4752TS
Description  Stereo 11W Audio Power Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4752TS Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4752TS Datasheet HTML 1Page - National Semiconductor (TI) LM4752TS Datasheet HTML 2Page - National Semiconductor (TI) LM4752TS Datasheet HTML 3Page - National Semiconductor (TI) LM4752TS Datasheet HTML 4Page - National Semiconductor (TI) LM4752TS Datasheet HTML 5Page - National Semiconductor (TI) LM4752TS Datasheet HTML 6Page - National Semiconductor (TI) LM4752TS Datasheet HTML 7Page - National Semiconductor (TI) LM4752TS Datasheet HTML 8Page - National Semiconductor (TI) LM4752TS Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
40V
Input Voltage
±0.7V
Output Current
Internally Limited
Power Dissipation (Note 3)
62.5W
ESD Susceptability (Note 4)
2 kV
Junction Temperature
150˚C
Soldering Information
T Package (10 sec)
250˚C
Storage Temperature
−40˚C to 150˚C
Operating Ratings
Temperature Range
T
MIN ≤ TA ≤ TMAX
−40˚C
≤ T
A ≤ +85˚C
Supply Voltage
9V to 32V
θ
JC
2˚C/W
θ
JA
79˚C/W
Electrical Characteristics
The following specifications apply to each channel with V
CC = 24V, TA = 25˚C unless otherwise specified.
Symbol
Parameter
Conditions
LM4752
Units
(Limits)
Typical
(Note 5)
Limit
(Note 6)
I
total
Total Quiescent Power Supply
Current
V
INAC = 0V, Vo = 0V, RL =
10.5
20
mA(max)
7
mA(min)
P
o
Output Power (Continuous
f = 1 kHz, THD+N = 10%,R
L =8Ω
7W
Average per Channel)
f = 1 kHz, THD+N = 10%,R
L =4Ω
10
W(min)
V
CC = 20V, RL =8Ω
4W
V
CC = 20V, R L =4Ω
7W
f = 1 kHz, THD+N = 10%,R
L =4Ω
V
S = 12V, TO-263 Pkg.
2.5
W
THD+N
Total Harmonic Distortion plus
Noise
f = 1 kHz, P
o = 1 W/ch, RL =8Ω
0.08
%
V
OSW
Output Swing
R
L =8Ω,V CC = 20V
15
V
R
L =4Ω,V CC = 20V
14
V
X
talk
Channel Separation
See
Figure 1
55
dB
f = 1 kHz, V
o = 4 Vrms, RL =8Ω
PSRR
Power Supply Rejection Ratio
See
Figure 1
50
dB
V
CC = 22V to 26V, R L =8Ω
V
ODV
Differential DC Output Offset
Voltage
V
INAC = 0V
0.09
0.4
V(max)
SR
Slew Rate
2
V/µs
R
IN
Input Impedance
83
k
PBW
Power Bandwidth
3 dB BW at P
o = 2.5W, RL =8Ω
65
kHz
A
VCL
Closed Loop Gain (Internally Set)
R
L =8Ω
34
33
dB(min)
35
dB(max)
e
in
Noise
IHF-A Weighting Filter, R
L =8Ω
0.2
mVrms
Output Referred
I
o
Output Short Circuit Current Limit
V
IN = 0.5V, R L =2Ω
2
A(min)
Note 1: All voltages are measured with respect to the GND pin (4), unless otherwise specified.
Note 2:
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is func-
tional, but do not guarantee specific performance limits.
Electrical Characteristics state DC and AC electrical specifications under particular test conditions which guar-
antee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit is
given, however, the typical value is a good indication of device performance.
Note 3: For operating at case temperatures above 25˚C, the device must be derated based on a 150˚C maximum junction temperature and a thermal resistance of
θJC = 2˚C/W (junction to case). Refer to the section Determining the Maximum Power Dissipation in the Application Information section for more information.
Note 4: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 5: Typicals are measured at 25˚C and represent the parametric norm.
Note 6: Limits are guarantees that all parts are tested in production to meet the stated values.
Note 7: The TO-263 Package is not recommended for VS > 16V due to impractical heatsinking limitations.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com