Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4752TS Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4752TS
Description  Stereo 11W Audio Power Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4752TS Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4752TS Datasheet HTML 6Page - National Semiconductor (TI) LM4752TS Datasheet HTML 7Page - National Semiconductor (TI) LM4752TS Datasheet HTML 8Page - National Semiconductor (TI) LM4752TS Datasheet HTML 9Page - National Semiconductor (TI) LM4752TS Datasheet HTML 10Page - National Semiconductor (TI) LM4752TS Datasheet HTML 11Page - National Semiconductor (TI) LM4752TS Datasheet HTML 12Page - National Semiconductor (TI) LM4752TS Datasheet HTML 13Page - National Semiconductor (TI) LM4752TS Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Typical Performance Characteristics (Continued)
Application Information
CAPACITOR SELECTION AND FREQUENCY
RESPONSE
With the LM4752, as in all single supply amplifiers, AC cou-
pling capacitors are used to isolate the DC voltage present at
the inputs (pins 2,6) and outputs (pins 1,7). As mentioned
earlier in the External Components section these capaci-
tors create high-pass filters with their corresponding input/
output impedances. The Typical Application Circuit shown
in
Figure 1 shows input and output capacitors of 0.1 µF and
1,000 µF respectively. At the input, with an 83 k
Ω typical in-
put resistance, the result is a high pass 3 dB point occurring
at 19 Hz. There is another high pass filter at 39.8 Hz created
with the output load resistance of 4
Ω. Careful selection of
these components is necessary to ensure that the desired
frequency response is obtained. The Frequency Response
curves in the Typical Performance Characteristics section
show how different output coupling capacitors affect the low
frequency rolloff.
APPLICATION CIRCUIT WITH MUTE
With the addition of a few external components, a simple
mute circuit can be implemented, such as the one shown in
Figure 3. This circuit works by externally pulling down the
half supply bias line (pin 5), effectively shutting down the in-
put stage.
When using an external circuit to pull down the bias, care
must be taken to ensure that this line is not pulled down too
quickly, or output “pops” or signal feedthrough may result. If
the bias line is pulled down too quickly, currents induced in
the internal bias resistors will cause a momentary DC volt-
age to appear across the inputs of each amplifier’s internal
differential pair, resulting in an output DC shift towards
V
SUPPLY. An R-C timing circuit should be used to limit the
pull-down
time
such
that
output
“pops”
and
signal
feedthroughs will be minimized. The pull-down timing is a
function of a number of factors, including the external mute
circuitry, the voltage used to activate the mute, the bias ca-
pacitor, the half-supply voltage, and internal resistances
used in the half-supply generator.
Table 1 shows a list of rec-
ommended values for the external mute circuitry.
TABLE 1. Values for Mute Circuit
V
MUTE
R1
R2
C1
R3
C
B
V
CC
5V
10 k
Ω 10 kΩ 4.7 µF 360Ω 100 µF 21V–32V
V
S
20 k
Ω 1.2 kΩ 4.7 µF 180Ω 100 µF 15V–32V
V
S
20 k
Ω 910Ω 4.7 µF 180Ω 47 µF 22V–32V
OPERATING IN BRIDGE-MODE
Though designed for use as a single-ended amplifier, the
LM4752 can be used to drive a load differentially (bridge-
mode). Due to the low pin count of the package, only the
non-inverting inputs are available. An inverted signal must
be provided to one of the inputs. This can easily be done with
the use of an inexpensive op-amp configured as a standard
inverting amplifier. An LF353 is a good low-cost choice. Care
must be taken, however, for a bridge-mode amplifier must
theoretically dissipate four times the power of a single-ended
type. The load seen by each amplifier is effectively half that
of the actual load being used, thus an amplifier designed to
drive a 4
Ω load in single-ended mode should drive an 8Ω
load when operating in bridge-mode.
Power Dissipation vs Output Power
DS100039-51
Power Dissipation vs Output Power
DS100039-52
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com