Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH9341 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH9341
Description  Gabellichtschranke mit Schmitt-Trigger IC Slotted Interrupter with Schmitt-Trigger-IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9341 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH9341 Datasheet HTML 1Page - OSRAM GmbH SFH9341 Datasheet HTML 2Page - OSRAM GmbH SFH9341 Datasheet HTML 3Page - OSRAM GmbH SFH9341 Datasheet HTML 4Page - OSRAM GmbH SFH9341 Datasheet HTML 5Page - OSRAM GmbH SFH9341 Datasheet HTML 6Page - OSRAM GmbH SFH9341 Datasheet HTML 7Page - OSRAM GmbH SFH9341 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SFH 9340
SFH 9341
Gabellichtschranke mit Schmitt-Trigger IC
Slotted Interrupter with Schmitt-Trigger-IC
2001-02-22
1
Wesentliche Merkmale
• Kompaktes Gehäuse
• IR-Sender: GaAs (950 nm)
• Empfänger: Schmitt-Trigger IC
• Empfänger: Tageslichtsperrfilter
• SFH 9340: Ausgang active low
• SFH 9341: Ausgang active high
• Einschaltstrom: typ. 0.6 mA
Anwendungen
• Optischer Schalter
•Pulsformer
• Zähler
Typ
Type
Bestellnummer
Ordering Code
Gehäuse
Package
SFH 9340
Q62702-P5120
Polykarbonat Plastikgehäuse.
Senderseite durch Buchstaben „E“, Empfängerseite durch
Buchstaben „S“ gekennzeichnet.
Polycarbonate plastic material housing.
Emitter side marked with letter “E”, Detector/Sensor side marked with
letter “S”.
SFH 9341
Q62702-P5121
Features
• Compact Type
• IR-emitter: GaAs (950 nm)
• Detector: Schmitt-Trigger IC
• Detector: Daylight-Cutoff Filter
• SFH 9340: Output active low
• SFH 9341: Output active high
• Threshold current: typ. 0.6 mA
Applications
• Optical threshold switch
• Pulseformer
• Counter


Similar Part No. - SFH9341

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH9341 OSRAM-SFH9341 Datasheet
91Kb / 9P
Gabellichtschranke mit Schmitt-Trigger IC
More results

Similar Description - SFH9341

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TSC367 MICROSEMI-TSC367 Datasheet
1Mb / 6P
Schmitt Trigger
logo
List of Unclassifed Man...
SFH5440 ETC-SFH5440 Datasheet
54Kb / 6P
Schmitt-Trigger IC im Smart DIL GehAuse
TCSS111 ETC1-TCSS111 Datasheet
300Kb / 6P
Optoelectronic Interrupter with Schmitt-Trigger Output Logic
logo
Toshiba Semiconductor
TC4S584F TOSHIBA-TC4S584F_01 Datasheet
203Kb / 5P
SCHMITT TRIGGER
logo
OSRAM GmbH
SFH9340 OSRAM-SFH9340_05 Datasheet
91Kb / 9P
Gabellichtschranke mit Schmitt-Trigger IC
SFH9240 OSRAM-SFH9240 Datasheet
301Kb / 10P
Reflective Interrupter with Schmitt-Trigger
logo
Toshiba Semiconductor
TC4S584F TOSHIBA-TC4S584F_08 Datasheet
260Kb / 5P
SCHMITT TRIGGER
logo
OSRAM GmbH
SFH9245 OSRAM-SFH9245 Datasheet
195Kb / 14P
Reflective Interrupter with Schmitt-Trigger
SFH-5440 OSRAM-SFH-5440 Datasheet
155Kb / 11P
Schmitt-Trigger IC in Smart DIL Package
SFH-9245 OSRAM-SFH-9245 Datasheet
195Kb / 14P
Reflective Interrupter with Schmitt-Trigger
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com