Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH9341 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH9341
Description  Gabellichtschranke mit Schmitt-Trigger IC Slotted Interrupter with Schmitt-Trigger-IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9341 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH9341 Datasheet HTML 1Page - OSRAM GmbH SFH9341 Datasheet HTML 2Page - OSRAM GmbH SFH9341 Datasheet HTML 3Page - OSRAM GmbH SFH9341 Datasheet HTML 4Page - OSRAM GmbH SFH9341 Datasheet HTML 5Page - OSRAM GmbH SFH9341 Datasheet HTML 6Page - OSRAM GmbH SFH9341 Datasheet HTML 7Page - OSRAM GmbH SFH9341 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2001-02-22
4
SFH 9340, SFH 9341
Zur Stabilisierung der Versorgung wird ein Stützkondensator (angeschlossen zwischen
V
CC und GND) von typ. 0,1 µF
empfohlen.
A bypass capacitor, 0.1
µF typical, connected between V
CC and GND is recommended in order to stabilize power supply
line.
Gabellichtschranke (wenn nicht anders angegeben,
V
CC = 5 V)
Slotted Interrupter (unless otherwise specified:
V
CC = 5 V)
Schaltschwelle
Threshold current “ON”
I
F, ON
typ. 0.6 (< 2.0)
mA
Schaltschwelle
Threshold current “OFF”
I
F, OFF
0.36 (> 0.05)
mA
Hysterese
Hysteresis
I
F, OFF / IF, ON
0.6 (0.5 … 0.9)
–
Zulässiger Arbeitsbereich Detektor (Schmitt-Trigger IC)
Operating Conditions Detector (Schmitt-Trigger IC)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Versorgungsspannung
Supply voltage
V
CC
4 … 18
V
Ausgangsstrom
Output current
I
O
< 16
mA
Kennwerte (
T
A = 25 °C)
Characteristics (cont’d)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com