Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH9341 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH9341
Description  Gabellichtschranke mit Schmitt-Trigger IC Slotted Interrupter with Schmitt-Trigger-IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9341 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH9341 Datasheet HTML 1Page - OSRAM GmbH SFH9341 Datasheet HTML 2Page - OSRAM GmbH SFH9341 Datasheet HTML 3Page - OSRAM GmbH SFH9341 Datasheet HTML 4Page - OSRAM GmbH SFH9341 Datasheet HTML 5Page - OSRAM GmbH SFH9341 Datasheet HTML 6Page - OSRAM GmbH SFH9341 Datasheet HTML 7Page - OSRAM GmbH SFH9341 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2001-02-22
2
SFH 9340, SFH 9341
Grenzwerte (T
A = 25 °C)
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Sender (GaAs-Diode)
Emitter (GaAs diode)
Sperrspannung
Reverse voltage
V
R
5V
Durchlassstrom
Forward current
I
F (DC)
60
mA
Stoßstrom (
t
P ≤ 10 µs, D = 0)
Surge current
I
FSM
1A
Verlustleistung
Power dissipation
P
tot
100
mW
Wärmewiderstand
Thermal resistance
R
thJA
280
K/W
Empfänger (Schmitt-Trigger IC)
Detector (Schmitt-Trigger IC)
Versorgungsspannung
Supply voltage
V
CC
– 0.5 … + 20
V
Ausgangsspannung
Output voltage
V
OUT
– 0.5 … + 20
V
Ausgangsstrom (
T
A = 25 °C)
Output current
I
O
50
mA
Verlustleistung
Power dissipation
P
tot
150
mW
Gabellichtschranke
Slotted Interrupter
Lagertemperatur
Storage temperature range
T
stg
– 40 … + 85
°C
Betriebstemperatur
Operating temperature range
T
op
– 40 … + 85
°C
Elektrostatische Entladung
Electrostatic discharge
ESD
2
kV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com