Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1812 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # SSD1812
Description  LCD Segment / Common Driver with Controller CMOS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1812 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button SSD1812 Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
SOLOMON
SSD1812
21
REV 1.2
12/99
COMMAND TABLE
Bit Pattern
Write Command
(D/C=0, R/W(WR)=0, E(RD)=1)
Comment
1010111X0
Set Display On/Off
X0=0: turns off LCD panel (POR)
X0=1: turns on LCD panel
01X5X4X3X2X1X0
Set Display Start Line
Set display RAM display start line register from 0-63 using
X5X4X3X2X1X0.
Display start line register is reset to 000000 during POR.
1011X3X2X1X0
Set Page Address
Set GDDRAM Page Address (0-8) using X3X2X1X0
0001X3X2X1X0
Set Higher Column Address
Set the higher nibble of the colume address register using
X3X2X1X0 as data bits. The initial display line register is reset to
0000 during POR.
0000X3X2X1X0
Set Lower Column Address
Set the lower nibble of the colume address register using
X3X2X1X0 as data bits. The initial display line register is reset to
0000 during POR.
1010000X0
Set Segment Re-map
X0=0: column address 00H is mapped to SEG0 (POR)
X0=1: column address 83H is mapped to SEG0
Refer to Fig. 5 for details.
1010011X0
Set Normal/Reverse Display
X0=0: normal display (POR)
X0=1: reverse display
1010010X0
Set Entire Display On/Off
X0=0: normal display (POR)
X0=1: entire display on
1010001X0
Set LCD Bias
X0=0: 1/8 bias (POR)
X0=1: 1/6 bias
For setting bias ratio to 1/4, 1/5, 1/7 or 1/9, see Extended Com-
mand Table.
11100000
Set Read-Modify-Write Mode
Read-modify-write mode will be entered in which the column
address will not be incremented during display data read
11101110
Set End of Read-Modify-Write Mode
Exit Read-modify-write mode. Column address before entering
the mode will be restored
11100010
Software Reset
Initialize the internal status
1100X3 * * *
Set COM Output Scan Direction
X3=0: normal mode (POR)
X3=1: remapped mode. COM0 to COM[N-1] becomes COM[N-1]
to COM0 in Multiplex ratio is equal to N. See Fig.5 as an
example for N equal to 54.
00101X2X1X0
Set Power Control Register
X0=0: turns off the output op-amp buffer (POR)
X0=1: turns on the output op-amp buffer
X1=0: turns off the internal regulator (POR)
X1=1: turns on the internal regulator
X2=0: turns off the internal voltage booster (POR)
X2=1: turns on the internal voltage booster
00100X2X1X0
Set Internal Regulator Resistor Ratio
Internal regulator gain increases as X2X1X0 increased from 000b
to 111b. X2X1X0 = 100b (POR)
10000001
* * X5X4X3X2X1X0
Set Contrast Control Register
Set Contrast level from 64 contrast steps. Contrast increases as
X5X4X3X2X1X0 is increased.
X5X4X3X2X1X0 = 100000b (POR)
1010110X0
* * * * * * X1X0
Set Indicator On/Off
Indicator Display Mode,
This second byte command is required
ONLY when “Set Indicator On” com-
mand is sent.
X0 = 0: indicator off (POR, no need of second command byte)
X0 = 1: indicator on (second command byte required)
X1X0 = 00: indicator off
X1X0 = 01: indicator on and blinking at ~1 second interval
X1X0 = 10: indicator on and blinking at ~1/2 second interval
X1X0 = 11: indicator on constantly
* * * * * * * *
Set Power Save Mode
Standby or sleep mode will be entered with compound commands
11100011
NOP
Command for No Operation
1111 * * * *
Set Test Mode
Reserved for IC testing. Do NOT use.
11110000
Test Mode Reset
Reserved for IC testing. Do NOT use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com