Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1812 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SSD1812
Description  LCD Segment / Common Driver with Controller CMOS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1812 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SSD1812 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
SOLOMON
SSD1812
13
REV 1.2
12/99
TABLE 5. Serial Timing Characteristics (TA=25°C, DVDD=2.7V, VSS=0V)
Symbol
Parameter
Min
Typ
Max
Unit
tcycle
Clock Cycle Time
400
-
-
ns
tAS
Address Setup Time
250
-
-
ns
tAH
Address Hold Time
250
-
-
ns
tCSS
Chip Select Setup Time
250
-
-
ns
tCSH
Chip Select Hold Time
250
-
-
ns
tDSW
Write Data Setup Time
150
-
-
ns
tDHW
Write Data Hold Time
150
-
-
ns
tCLKL
Clock Low Time
150
-
-
ns
tCLKH
Clock High Time
150
-
-
ns
tR
Rise Time
-
-
15
ns
tF
Fall Time
-
-
15
ns
Valid Data
tcycle
tDSW
tAS
tAH
SCK
D/C
SDA
CS1
tDHW
tCLKL
tCLKH
tF
tR
(CS2=1)
tCSS
tCSH
Figure 3. Serial Timing Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com