Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4810 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4810
Description  Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4810 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4810 Datasheet HTML 1Page - National Semiconductor (TI) LM4810 Datasheet HTML 2Page - National Semiconductor (TI) LM4810 Datasheet HTML 3Page - National Semiconductor (TI) LM4810 Datasheet HTML 4Page - National Semiconductor (TI) LM4810 Datasheet HTML 5Page - National Semiconductor (TI) LM4810 Datasheet HTML 6Page - National Semiconductor (TI) LM4810 Datasheet HTML 7Page - National Semiconductor (TI) LM4810 Datasheet HTML 8Page - National Semiconductor (TI) LM4810 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
ESD Susceptibility (Note 4)
3.5kV
ESD Machine Model (Note 8)
250V
Junction Temperature (T
J)
150˚C
Soldering Information (Note 1)
Small Outline Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
Thermal Resistance
θ
JA (SO)
170˚C/W
θ
JC (SO)
35˚C/W
θ
JA (MSOP)
210˚C/W
θ
JC (MSOP)
56˚C/W
θ
JA (LLP)
117˚C/W (Note 9)
θ
JA (LLP)
150˚C/W (Note 10)
θ
JC (LLP)
15˚C/W
Operating Ratings (Note 2)
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ 85˚C
Supply Voltage (V
CC
2.0V
≤ V
CC
≤ 5.5V
Note 1: See AN-450 “Surface Mounting and their Effects on Product Reli-
ability” for other methods of soldering surface mount devices.
Electrical Characteristics (Notes 2, 3)
The following specifications apply for V
DD = 5V unless otherwise specified, limits apply to TA = 25˚C.
Symbol
Parameter
Conditions
LM4810
Units
(Limits)
Typ
(Note 5)
Limit
(Note 7)
V
DD
Supply Voltage
2.0
V (min)
5.5
V (max)
I
DD
Supply Current
V
IN = 0V, IO = 0A
1.3
3
mA(max)
I
SD
Shutdown Current
V
IN = 0V, VSHUTDOWN =VDD
0.4
2
µA(max)
V
OS
Output Offset Voltage
V
IN = 0V
4.0
50
mV(max)
P
O
Output Power
THD+N = 0.1%, f = 1kHz
R
L =16
Ω
105
mW
R
L =32
Ω
70
65
mW(min)
THD+N
Total Harmonic Distortion
P
O = 50mW, RL =32
Ω
f = 20Hz to 20kHz
0.3
%
Crosstalk
Channel Separation
R
L =32
Ω;P
O = 70mW
70
dB
PSRR
Power Supply Rejection Ratio
C
B = 1.0µF; VRIPPLE = 200mVPP,
f = 1kHz; Input terminated into 50
Ω
70
dB
V
SDIH
Shutdown Voltage Input High
0.8 x V
DD
V (min)
V
SDIL
Shutdown Voltage Input Low
0.2 x V
DD
V (max)
Electrical Characteristics (Notes 2, 3)
The following specifications apply for V
DD = 3.3V unless otherwise specified, limits apply to TA = 25˚C.
Symbol
Parameter
Conditions
LM4810
Units
(Limits)
Typ
(Note 5)
Limit
(Note 7)
I
DD
Supply Current
V
IN = 0V, IO = 0A
1.0
mA
I
SD
Shutdown Current
V
IN = 0V, VSHUTDOWN =VDD
0.4
µA
V
OS
Output Offset Voltage
V
IN = 0V
4.0
mV
P
O
Output Power
THD+N = 0.1%, f = 1kHz
R
L =16
Ω
40
mW
R
L =32
Ω
28
mW
THD+N
Total Harmonic Distortion
P
O = 25mW, RL =32
Ω
f = 20Hz to 20kHz
0.4
%
Crosstalk
Channel Separation
R
L =32
Ω;P
O = 25mW
70
dB
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com