Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4810 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4810
Description  Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4810 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4810 Datasheet HTML 1Page - National Semiconductor (TI) LM4810 Datasheet HTML 2Page - National Semiconductor (TI) LM4810 Datasheet HTML 3Page - National Semiconductor (TI) LM4810 Datasheet HTML 4Page - National Semiconductor (TI) LM4810 Datasheet HTML 5Page - National Semiconductor (TI) LM4810 Datasheet HTML 6Page - National Semiconductor (TI) LM4810 Datasheet HTML 7Page - National Semiconductor (TI) LM4810 Datasheet HTML 8Page - National Semiconductor (TI) LM4810 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
External Components Description (Figure 1)
Components
Functional Description
1. R
i
The inverting input resistance, along with R
f, set the closed-loop gain. Ri, along with Ci, form a high
pass filter with f
c = 1/(2
πR
iCi).
2. C
i
The input coupling capacitor blocks DC voltage at the amplifier’s input terminals. C
i, along with Ri,
create a highpass filter with f
c = 1/(2
πR
iCi). Refer to the section, Selecting Proper External
Components, for an explanation of determining the value of C
i.
3. R
f
The feedback resistance, along with R
i, set closed-loop gain.
4. C
S
This is the supply bypass capacitor. It provides power supply filtering. Refer to the Application
Information section for proper placement and selection of the supply bypass capacitor.
5. C
B
This is the BYPASS pin capacitor. It provides half-supply filtering. Refer to the section, Selecting
Proper External Components, for information concerning proper placement and selection of C
B.
6. C
O
This is the output coupling capacitor. It blocks the DC voltage at the amplifier’s output and forms a high
pass filter with R
L at fO = 1/(2
πR
LCO)
Typical Performance Characteristics
THD+N vs Frequency
THD+N vs Frequency
20008985
20008964
THD+N vs Frequency
THD+N vs Frequency
20008965
20008966
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com