Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4810 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4810
Description  Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4810 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4810 Datasheet HTML 1Page - National Semiconductor (TI) LM4810 Datasheet HTML 2Page - National Semiconductor (TI) LM4810 Datasheet HTML 3Page - National Semiconductor (TI) LM4810 Datasheet HTML 4Page - National Semiconductor (TI) LM4810 Datasheet HTML 5Page - National Semiconductor (TI) LM4810 Datasheet HTML 6Page - National Semiconductor (TI) LM4810 Datasheet HTML 7Page - National Semiconductor (TI) LM4810 Datasheet HTML 8Page - National Semiconductor (TI) LM4810 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM4810
Dual 105mW Headphone Amplifier with Active-High
Shutdown Mode
General Description
The LM4810 is a dual audio power amplifier capable of
delivering 105mW per channel of continuous average power
into a 16
Ω load with 0.1% (THD+N) from a 5V power supply.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components. Since the LM4810 does not require
bootstrap capacitors or snubber networks, it is optimally
suited for low-power portable systems.
The unity-gain stable LM4810 can be configured by external
gain-setting resistors.
The LM4810 features an externally controlled, active-high,
micropower consumption shutdown mode, as well as an
internal thermal shutdown protection mechanism.
Key Specifications
n
THD+N at 1kHz, 105mW continuous average power into
16
Ω
0.1% (typ)
n
THD+N at 1kHz, 70mW continuous average power into
32
Ω
0.1% (typ)
n
Shutdown Current
0.4µA (typ)
Features
n
Active-high shutdown mode
n
LLP, MSOP, and SO surface mount packaging
n
"Click and Pop" suppression circuitry
n
Low shutdown current
n
No bootstrap capacitors required
n
Unity-gain stable
Applications
n
Cellular Phones
n
Personal Computers
n
Microphone Preamplifier
n
PDA’s
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
20008901
*Refer to the Application Information Section for information concerning proper selection of the input and output coupling capacitors.
FIGURE 1. Typical Audio Amplifier Application Circuit
November 2002
© 2002 National Semiconductor Corporation
DS200089
www.national.com


Similar Part No. - LM4810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4810 TI-LM4810 Datasheet
1Mb / 25P
Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
logo
National Semiconductor ...
LM48100Q NSC-LM48100Q Datasheet
583Kb / 24P
Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
logo
Texas Instruments
LM48100Q TI-LM48100Q Datasheet
949Kb / 24P
LM48100Q Boomer Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
LM48100Q-Q1 TI1-LM48100Q-Q1 Datasheet
1Mb / 28P
Audio Power Amplifier
LM48100Q-Q1 TI2-LM48100Q-Q1 Datasheet
802Kb / 31P
LM48100Q-Q1 Boomer™ Mono, 1.3-W Audio Power Amplifier With Output Fault Detection and Volume Control
REVISED NOVEMBER 2015
More results

Similar Description - LM4810

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4809 NSC-LM4809 Datasheet
903Kb / 18P
Dual 105mW Headphone Amplifier with Active-Low Shutdown Mode
logo
List of Unclassifed Man...
HWD2111 ETC1-HWD2111 Datasheet
1Mb / 19P
Dual 105mW Headphone Amplifier with Digital Volume Control and Shutdown Mode
logo
Ceramate Technical
CO4808 CERAMATE-CO4808 Datasheet
148Kb / 4P
Dual 105mW Headphone Amplifier
logo
Lyontek Inc.
LY8601 LYONTEK-LY8601 Datasheet
195Kb / 5P
Dual 0.1W Headphone Amplifier with Active-high shutdown mode
logo
Unisonic Technologies
LM4811 UTC-LM4811 Datasheet
209Kb / 9P
DUAL 105mW HEADPHONE AMPLIFIER WITH DIGITAL VOLUME CONTROL AND SHUTDOWN MODE
logo
Texas Instruments
LM4809LQX TI1-LM4809LQX Datasheet
1Mb / 30P
Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
LM4809 TI1-LM4809_14 Datasheet
1Mb / 30P
Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
LM4809 TI-LM4809_15 Datasheet
1Mb / 29P
Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
LM4810 TI-LM4810_15 Datasheet
1Mb / 25P
Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
LM4811 TI1-LM4811 Datasheet
1Mb / 24P
Dual 105mW Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com