Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5110IDAPR Datasheet(PDF) 7 Page - Texas Instruments

Part # TAS5110IDAPR
Description  TRUE DIGITAL AUDIO AMPLIFIER TAS5110 PWM POWER OUTPUT STAGE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5110IDAPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5110IDAPR Datasheet HTML 3Page - Texas Instruments TAS5110IDAPR Datasheet HTML 4Page - Texas Instruments TAS5110IDAPR Datasheet HTML 5Page - Texas Instruments TAS5110IDAPR Datasheet HTML 6Page - Texas Instruments TAS5110IDAPR Datasheet HTML 7Page - Texas Instruments TAS5110IDAPR Datasheet HTML 8Page - Texas Instruments TAS5110IDAPR Datasheet HTML 9Page - Texas Instruments TAS5110IDAPR Datasheet HTML 10Page - Texas Instruments TAS5110IDAPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TAS5110
SLES028A – MAY 2002 – REVISED SEPTEMBER 2002
7
www.ti.com
functional description
PWM H-bridge state control
The digital interface control signals consists of PWM_AP, PWM_AM, PWM_BP, and PWM_BM. These signals
are a complementary differential signal format for the A-side half-bridge and the B-side half-bridge.
bootstrapped gate drive
The TAS5110 includes two dedicated bootstrapped power supplies. A bootstrap capacitor is connected
between the individual bootstrap pin and the associated output. For example, a capacitor is connected between
the BOOTSTRAPA pin and OUTPUTA pin, and another capacitor is connected between the BOOTSTRAPB
pin and the OUTPUTB pin. The bootstrap power supply minimizes the number of high voltage power supply
levels externally supplied to the system while providing a low-noise supply level for driving the high-side
N-channel DMOS transistors.
low-dropout voltage regulator
Two on-chip low-dropout voltage regulators (LDO) are provided to minimize the number of external power
supplies needed for the system. These voltage regulators are for internal circuits only and cannot be used for
external circuitry. Each LDO is dedicated to a half-bridge and its gate driver. An LDO output capacitor is
connected between the individual LDO output pin and the associated output return. For example, a capacitor
is connected between the LDROUTA pin and PVSS pin, and another capacitor is connected between the
LDROUTB pin and PVSS pin.
high-current H-bridge output stage
The positive outputs of the H-bridge are the two OUTPUTA pins. The negative outputs of the H-bridge are the
two OUTPUTB pins. The logic for the input command to H-bridge outputs is described in the H-bridge output
mapping section below. When the TAS5110 is in the normal mode, as seen in the H-bridge output mapping
tables, the outputs are decoded from the inputs. However, the TAS5110 is immediately shut down if any of the
following error conditions occur: over-current, over-temperature, low regulator output voltage, or an illegal PWM
input state is applied. For these conditions, the outputs are set to the appropriate disabled state as specified
in the H-bridge output mapping section, and the SHUTDOWN pin is set low.
H-bridge output mapping
The A-side half-bridge output is designed to the following truth table:
INPUTS
OUTPUTS
DESCRIPTION
RESET
PWDN
PWM_AP
PWM_AM
SHUTDOWN
OUTPUTA
DESCRIPTION
X
X
X
X
0
0 or Hi-Z†
Shutdown
X
0
X
X
1
Hi-Z
Powerdown
0
1
X
X
1
0
Reset
1
1
0
0
0
0
Shutdown
1
1
0
1
1
0
Normal
1
1
1
0
1
1
Normal
1
1
1
1
0
0
Shutdown
† Output is 0 for low voltage, over temperature, and illegal input. Hi-Z is for over current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com