Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5110IDAPR Datasheet(PDF) 13 Page - Texas Instruments

Part # TAS5110IDAPR
Description  TRUE DIGITAL AUDIO AMPLIFIER TAS5110 PWM POWER OUTPUT STAGE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5110IDAPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5110IDAPR Datasheet HTML 9Page - Texas Instruments TAS5110IDAPR Datasheet HTML 10Page - Texas Instruments TAS5110IDAPR Datasheet HTML 11Page - Texas Instruments TAS5110IDAPR Datasheet HTML 12Page - Texas Instruments TAS5110IDAPR Datasheet HTML 13Page - Texas Instruments TAS5110IDAPR Datasheet HTML 14Page - Texas Instruments TAS5110IDAPR Datasheet HTML 15Page - Texas Instruments TAS5110IDAPR Datasheet HTML 16Page - Texas Instruments TAS5110IDAPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
TAS5110
SLES028A – MAY 2002 – REVISED SEPTEMBER 2002
13
www.ti.com
r(on) – On-State Resistance – Ω
0
20
40
60
80
100
120
140
160
0.15
0.20
0.25
0.30
0.35
0.40
JUNCTION TEMPERATURE
vs
ON-STATE RESISTANCE
Figure 4. Temperature vs On-State Resistance
APPLICATION INFORMATION
TAS5110 (DAP Package)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
Snubber
Circuit
Error
Reporting
Snubber
Circuit
_
+
dc
PWM_AP
PWM_AM
ERR1
ERR0
SHUTDOWN
DVDD
DVSS
DVSS
DVSS
VRFILT
BIAS_A
BIAS_B
PWDN
RESET
PWM_BM
PWM_BP
PVDDA2
LDROUTA
BOOTSTRAPA
PVDDA1
PVDDA1
OUTPUTA
OUTPUTA
PVSS
PVSS
OUTPUTB
OUTPUTB
PVDDB1
PVDDB1
BOOTSTRAPB
LDROUTB
PVDDB2
L1
L2
C1
R1
R2
C2
C3
C4
C5
C6
3.3 V
RESET
PWM_M_L
PWM_P_L
VALID
TAS50xx
C7
22 V
22 V
Figure 5. Typical TAS5110 Application (One Channel Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com