Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5110IDAPR Datasheet(PDF) 14 Page - Texas Instruments

Part # TAS5110IDAPR
Description  TRUE DIGITAL AUDIO AMPLIFIER TAS5110 PWM POWER OUTPUT STAGE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5110IDAPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TAS5110IDAPR Datasheet HTML 10Page - Texas Instruments TAS5110IDAPR Datasheet HTML 11Page - Texas Instruments TAS5110IDAPR Datasheet HTML 12Page - Texas Instruments TAS5110IDAPR Datasheet HTML 13Page - Texas Instruments TAS5110IDAPR Datasheet HTML 14Page - Texas Instruments TAS5110IDAPR Datasheet HTML 15Page - Texas Instruments TAS5110IDAPR Datasheet HTML 16Page - Texas Instruments TAS5110IDAPR Datasheet HTML 17Page - Texas Instruments TAS5110IDAPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
TAS5110
SLES028A – MAY 2002 – REVISED SEPTEMBER 2002
14
www.ti.com
THERMAL INFORMATION
The thermally enhanced DAP package is based on the 32-pin HTSSOP, but includes a thermal pad (see
Figure 6) to provide an effective thermal contact between the IC and the PCB.
Traditionally, surface mount and power have been mutually exclusive terms. A variety of scaled-down TO-220
type packages have leads formed as gull wings to make them applicable for surface-mount applications. These
packages, however, have two shortcomings: they do not address the low profile requirements (<2 mm) of many
of today’s advanced systems, and they do not offer a terminal-count high enough to accommodate increasing
integration. On the other hand, traditional low-power surface-mount packages require power-dissipation
derating that severely limits the usable range of many high-performance analog circuits.
The PowerPAD package (thermally enhanced HTSSOP) combines fine-pitch surface-mount technology with
thermal performance comparable to much larger power packages.
The PowerPAD package is designed to optimize the heat transfer to the PCB. Because of the very small size
and limited mass of a HTSSOP package, thermal enhancement is achieved by improving the thermal
conduction paths that remove heat from the component. The thermal pad is formed using a patented lead-frame
design and manufacturing technique to provide a direct connection to the heat-generating IC. When this pad
is soldered or otherwise thermally coupled to an external heat dissipater, high power dissipation in the ultrathin,
fine-pitch, surface-mount package can be reliably achieved. See the dissipation derating table.
DIE
Thermal
Pad
End View DAP
Bottom View DAP
DIE
End View DAD
Thermal
Pad
Top View DAD
DAP Package
DAD Package
Figure 6. Views of Thermally Enhanced DAP Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com