Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9201 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA9201
Description  WIDE BAND VIDEO PREAMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9201 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA9201 Datasheet HTML 1Page - STMicroelectronics TDA9201 Datasheet HTML 2Page - STMicroelectronics TDA9201 Datasheet HTML 3Page - STMicroelectronics TDA9201 Datasheet HTML 4Page - STMicroelectronics TDA9201 Datasheet HTML 5Page - STMicroelectronics TDA9201 Datasheet HTML 6Page - STMicroelectronics TDA9201 Datasheet HTML 7Page - STMicroelectronics TDA9201 Datasheet HTML 8Page - STMicroelectronics TDA9201 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TDA9201
WIDE BAND VIDEO PREAMPLIFIER
September 1993
PRELIMINARY DATA
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
INPUT
CONTRAST PREADJUST
SUPPLY VOLTAGE
SMALL SIGNAL GROUND
BULK
BULK
POWER GROUND
OUTPUT
H-SYNC
BRIGHTNESS CAPACITOR
VOLTAGE REFERENCE
CONTRAST ADJUST
SMALL SIGNAL GROUND
BULK
POWER GROUND
OUTPUT
BLANKING INPUT
BRIGHTNESS ADJUST
BULK
NOT CONNECTED
PIN CONNECTIONS
POWERDIP20
(Plastic Package)
ORDER CODE : TDA9201
s
CURRENT OUTPUT (up to 300mA)
s
120MHz (-3dB) BANDWIDTH
s
3nsec RISE/FALL TIME
s
BRIGHTNESS AND CONTRAST DC CON-
TROLLED
s
INTERNAL CLAMPING PULSE GENERATOR
s
CONTRAST
PRE-ADJUST
FOR
COLOR
MONITOR APPLICATION
s
INTERNAL REFERENCE VOLTAGE GENER-
ATOR
s
BLANKING PULSE INPUT
s
POS/NEG SYNC POLARITY INPUT
DESCRIPTION
The TDA9201 is a wide band video amplifier in-
tended for high resolution monochrome or color
monitors.
The BRIGHTNESS and CONTRAST are DC con-
trolled.
The brightness loop includes a comparator gated
by an internally generated pulse.
Thanks to the contrast pre-adjust pin, this device is
well suited for color application too.
The output stage structure (A class current output),
allows to use a very cheap high voltage amplifier
using only one transistor.
This advanced information on a ne w product now in de velopment or undergoing evaluation. Details are sub ject to ch ange without notice.
1/12


Similar Part No. - TDA9201

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9203 STMICROELECTRONICS-TDA9203 Datasheet
119Kb / 13P
I2C BUS CONTROLLED 70MHz RGB PREAMPLIFIER
08-May-2013
TDA9203A STMICROELECTRONICS-TDA9203A Datasheet
119Kb / 13P
I2C BUS CONTROLLED 70MHz RGB PREAMPLIFIER
08-May-2013
TDA9206 STMICROELECTRONICS-TDA9206 Datasheet
127Kb / 12P
I2C BUS CONTROLLED 130MHz RGB PREAMPLIFIER
08-May-2013
TDA9207 STMICROELECTRONICS-TDA9207 Datasheet
262Kb / 22P
150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS
Mar-2000
TDA9209 STMICROELECTRONICS-TDA9209 Datasheet
268Kb / 22P
150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION
Mar-2000
More results

Similar Description - TDA9201

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA5040S STMICROELECTRONICS-TEA5040S Datasheet
177Kb / 12P
WIDE BAND VIDEO PROCESSOR
Apr-1993
logo
Texas Instruments
TLS1233 TI-TLS1233 Datasheet
120Kb / 7P
VIDEO PREAMPLIFIER SYSTEM
logo
STMicroelectronics
TEA5652 STMICROELECTRONICS-TEA5652 Datasheet
444Kb / 10P
WIDE BAND VIDEO PROCESSOR
logo
New Japan Radio
NJM2580 NJRC-NJM2580 Datasheet
320Kb / 8P
SINGLE SUPPLY WIDE BAND 3ch VIDEO AMPLIFIER
NJM2584A NJRC-NJM2584A Datasheet
591Kb / 10P
WIDE BAND 3 CIRCUITS VIDEO SWITCH
logo
Texas Instruments
TLS1215 TI-TLS1215 Datasheet
96Kb / 6P
WIDE-BAND VIDEO PREAMPLIFIER SYSTEM WITH BLANKING
logo
List of Unclassifed Man...
CA3040 ETC2-CA3040 Datasheet
429Kb / 6P
Video and Wide-band Amplifier
logo
STMicroelectronics
TEA5040 STMICROELECTRONICS-TEA5040 Datasheet
178Kb / 12P
WIDE BAND VIDEO PROCESSOR
Apr-1993
logo
List of Unclassifed Man...
NJW1321 ETC2-NJW1321 Datasheet
167Kb / 12P
WIDE BAND VIDEO SWITCH WITH I2C BUS
logo
Rohm
BH7600AFS ROHM-BH7600AFS_09 Datasheet
377Kb / 17P
Wide Band 3-output Video Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com