Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC590G-S16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74HC590G-S16-R
Description  Low static power consumption
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC590G-S16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74HC590G-S16-R Datasheet HTML 1Page - Unisonic Technologies U74HC590G-S16-R Datasheet HTML 2Page - Unisonic Technologies U74HC590G-S16-R Datasheet HTML 3Page - Unisonic Technologies U74HC590G-S16-R Datasheet HTML 4Page - Unisonic Technologies U74HC590G-S16-R Datasheet HTML 5Page - Unisonic Technologies U74HC590G-S16-R Datasheet HTML 6Page - Unisonic Technologies U74HC590G-S16-R Datasheet HTML 7Page - Unisonic Technologies U74HC590G-S16-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
U74HC590
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R126-044.A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
CONDITIONS
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ +7.0
V
Continuous VCC or GND
Current
ICC
±75
μA
Continuous Output Current
IOUT
VOUT=0V ~ VCC
±35
mA
Input Clamp Current
IIK
VIN<0V or VIN>VCC
±20
mA
Output Clamp Current
IOK
VOUT>VCC or VOUT<0V
±20
mA
Storage Temperature Range
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
2.0
5.0
6.0
V
Input Voltage
VIN
0
VCC
V
Output Voltage
VOUT
0
VCC
V
Operating Temperature
TA
-40
85
°C
VCC=2.0V
1000
ns
VCC=4.5V
500
ns
Input Transition Rise or Fall
Rate
∆t/∆v
VCC=6.0V
400
ns
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=2.0V
1.5
V
VCC=4.5V
3.15
V
High-level Input Voltage
VIH
VCC=6.0V
4.2
V
VCC=2.0V
0.5
V
VCC=4.5V
1.35
V
Low-level Input Voltage
VIL
VCC=6.0V
1.8
V
VCC=2.0V
1.9
1.998
V
VCC=4.5V
4.4
4.499
V
VCC=6.0V
IOH=-20μA,
VIN=VCC or GND
5.9
5.999
V
RCO , IOH=-4mA
VIN=VCC or GND
3.98
4.3
V
VCC=4.5V
QA-QH, IOH=-6mA
VIN=VCC or GND
3.98
4.3
V
RCO , IOH=-5.2mA
VIN=VCC or GND
5.48
5.8
V
High-Level Output Voltage
VOH
VCC=6.0V
QA-QH, IOH=-7.8mA
VIN=VCC or GND
5.48
5.8
V
VCC=2.0V
0.002
0.1
V
VCC=4.5V
0.001
0.1
V
VCC=6.0V
IOH=20μA,
VIN=VCC or GND
0.001
0.1
V
RCO , IOH=4mA
VIN=VCC or GND
0.17
0.26
V
VCC=4.5V
QA-QH, IOH=6mA
VIN=VCC or GND
0.17
0.26
V
RCO , IOH=5.2mA
VIN=VCC or GND
0.15
0.26
V
Low-Level Output Voltage
VOL
VCC=6.0V
QA-QH, IOH=7.8mA
VIN=VCC or GND
0.15
0.26
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com