Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC590G-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HC590G-S16-R
Description  Low static power consumption
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC590G-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HC590G-S16-R Datasheet HTML 1Page - Unisonic Technologies U74HC590G-S16-R Datasheet HTML 2Page - Unisonic Technologies U74HC590G-S16-R Datasheet HTML 3Page - Unisonic Technologies U74HC590G-S16-R Datasheet HTML 4Page - Unisonic Technologies U74HC590G-S16-R Datasheet HTML 5Page - Unisonic Technologies U74HC590G-S16-R Datasheet HTML 6Page - Unisonic Technologies U74HC590G-S16-R Datasheet HTML 7Page - Unisonic Technologies U74HC590G-S16-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HC590
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R126-044.A
8-BIT BINARY COUNTERS
WITH 3-STATE OUTPUT
REGISTERS
DESCRIPTION
The UTC 74HC590 contains an 8-bit binary counter that feeds
an 8-bit storage register and 3-state outputs.. The storage register
has parallel (QA~QH) outputs.
The binary counter features direct clear ( CCLR ) and
count-enable ( CCKEN ) inputs. A ripple-carry output ( RCO ) is
provided for cascading. Expansion is accomplished easily for two
stages by connecting ( RCO ) of the first stage to CCKEN of the
second stage. Cascading for larger count chains can be
accomplished by connecting( RCO )of each stage to the counter
clock (CCLK) input of the following stage.
FEATURES
* Wide supply voltage range from 2.0V to 6.0V
* Low static power consumption; ICC=8μA (Max.)
* 8 bit counter with register
SOP-16
ORDERING INFORMATION
Ordering Number
Package
Packing
U74HC590G-S16-R
SOP-16
Tape Reel
MARKING


Similar Part No. - U74HC590G-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC595A UTC-U74HC595A Datasheet
189Kb / 6P
8-BIT SERIAL-IN SHIFT REGISTER WITH LATCHED 3-STATE PARALLEL OUTPUTS, PROVIDING SERIAL OUTPUT
U74HC595A UTC-U74HC595A Datasheet
248Kb / 8P
8-BIT SERIAL-IN SHIFT REGISTER
U74HC595AG-D16-T UTC-U74HC595AG-D16-T Datasheet
244Kb / 7P
8-BIT SERIAL-IN SHIFT REGISTER
U74HC595AG-D16-T UTC-U74HC595AG-D16-T Datasheet
248Kb / 8P
8-BIT SERIAL-IN SHIFT REGISTER
U74HC595AG-P16-R UTC-U74HC595AG-P16-R Datasheet
244Kb / 7P
8-BIT SERIAL-IN SHIFT REGISTER
More results

Similar Description - U74HC590G-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC1G74G-S08-R UTC-U74AHC1G74G-S08-R Datasheet
195Kb / 5P
Low static power consumption
U74AHC2G126G-P08-R UTC-U74AHC2G126G-P08-R Datasheet
172Kb / 5P
Low static power consumption
U74AUP1G04G-AE5-R UTC-U74AUP1G04G-AE5-R Datasheet
207Kb / 5P
Low static power consumption
U74HC73G-S14-R UTC-U74HC73G-S14-R Datasheet
178Kb / 6P
Low static power consumption
U74HCT73G-S14-R UTC-U74HCT73G-S14-R Datasheet
174Kb / 6P
Low static power consumption
U74LVC1G240G-AL5-R UTC-U74LVC1G240G-AL5-R Datasheet
189Kb / 5P
Low static power consumption
U74LVC3G06G-S08-R UTC-U74LVC3G06G-S08-R Datasheet
208Kb / 5P
Low static power consumption
U74LVC3G07G-S08-R UTC-U74LVC3G07G-S08-R Datasheet
208Kb / 5P
Low static power consumption
U74LVC3G14G-S08-R UTC-U74LVC3G14G-S08-R Datasheet
203Kb / 5P
Low static power consumption
U74LVC3G17G-S08-R UTC-U74LVC3G17G-S08-R Datasheet
202Kb / 5P
Low static power consumption
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com