Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC590G-S16-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # U74HC590G-S16-R
Description  Low static power consumption
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC590G-S16-R Datasheet(HTML) 6 Page - Unisonic Technologies

  U74HC590G-S16-R Datasheet HTML 1Page - Unisonic Technologies U74HC590G-S16-R Datasheet HTML 2Page - Unisonic Technologies U74HC590G-S16-R Datasheet HTML 3Page - Unisonic Technologies U74HC590G-S16-R Datasheet HTML 4Page - Unisonic Technologies U74HC590G-S16-R Datasheet HTML 5Page - Unisonic Technologies U74HC590G-S16-R Datasheet HTML 6Page - Unisonic Technologies U74HC590G-S16-R Datasheet HTML 7Page - Unisonic Technologies U74HC590G-S16-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
U74HC590
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R126-044.A
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Leakage Current
II(LEAK)
VCC=6.0V, VIN= VCC or GND
±0.1
μA
3-state Output OFF-state
Current
IOZ
VIN=VIH or VIL, VOUT=VCC or GND,
VCC =6.0V
±0.5
μA
Quiescent Supply Current
ICC
VCC=6.0V, VIN=VCC or 0V, IOUT=0A
8
μA
Input Capacitance
CI
VCC=6.0V, VIN=VCC or GND
3.5
10
pF
SWITCHING CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=2.0V
4
8
MHz
VCC=4.5V
20
35
MHz
Maximum clock pulse
frequency
fMAX
CL=50pF
VCC=6.0V
24
40
MHz
VCC=2.0V
80
150
ns
VCC=4.5V
20
30
ns
Propagation delay from input
(CCLK↑) to output( RCO )
tPD
CL=50pF
VCC=6.0V
15
26
ns
VCC=2.0V
70
140
ns
VCC=4.5V
18
28
ns
CL=50pF
VCC=6.0V
14
24
ns
VCC=2.0V
100
300
ns
VCC=4.5V
24
60
ns
Propagation delay from input
(RCLK↑) to output(Qn)
tPD
CL=150pF
VCC=6.0V
20
51
ns
VCC=2.0V
70
130
ns
VCC=4.5V
18
26
ns
Propagation delay from input
( CCLR ↓) to output( RCO )
tPLH
CL=50pF
VCC=6.0V
14
22
ns
VCC=2.0V
80
125
ns
VCC=4.5V
20
25
ns
CL=50pF
VCC=6.0V
15
21
ns
VCC=2.0V
90
200
ns
VCC=4.5V
23
40
ns
Propagation delay from input
( OE ↓) to output(Qn)
ten
CL=150pF
VCC=6.0V
19
34
ns
VCC=2.0V
80
125
ns
VCC=4.5V
20
25
ns
Propagation delay from input
( OE ↑) to output(Qn)
tdis
CL=50pF
VCC=6.0V
15
21
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com