Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIL293D Datasheet(PDF) 1 Page - Texas Instruments

Part # TIL293D
Description  QUADRUPLE HALF-H DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL293D Datasheet(HTML) 1 Page - Texas Instruments

  TIL293D Datasheet HTML 1Page - Texas Instruments TIL293D Datasheet HTML 2Page - Texas Instruments TIL293D Datasheet HTML 3Page - Texas Instruments TIL293D Datasheet HTML 4Page - Texas Instruments TIL293D Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
L293D
QUADRUPLE HALF-H DRIVER
SLRS008A – SEPTEMBER 1986 – REVISED MAY 1990
Copyright
© 1990, Texas Instruments Incorporated
3–1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
600-mA Output Current Capability Per
Driver
Pulsed Current 1.2-A Per Driver
Output Clamp Diodes for Inductive
Transient Suppression
Wide Supply Voltage Range
4.5 V to 36 V
Separate Input-Logic Supply
Thermal Shutdown
Internal ESD Protection
High-Noise-Immunity Inputs
Functional Replacement for SGS L293D
description
The L293D is a quadruple high-current half-H
driver designed to provide bidirectional drive
currents of up to 600-mA at voltages from 4.5 V to
36 V. It is designed to drive inductive loads such as
relays, solenoids, dc and bipolar stepping motors,
as well as other high-current/high-voltage loads in
positive-supply applications.
All inputs are TTL-compatible. Each output is a
complete totem-pole drive circuit with a Darlington
transistor sink and a pseudo-Darlington source.
Drivers are enabled in pairs with drivers 1 and 2
enabled by 1, 2EN and drivers 3 and 4 enabled by
3, 4EN. When an enable input is high, the
associated drivers are enabled, and their outputs
are active and in phase with their inputs. External
high-speed output clamp diodes should be used
for inductive transient suppression. When the
enable input is low, those drivers are disabled, and
their outputs are off and in a high-impedance
state. With the proper data inputs, each pair of
drivers form a full-H (or bridge) reversible drive
suitable for solenoid or motor applications.
A VCC1 terminal, separate from VCC2, is provided
for the logic inputs to minimize device power
dissipation.
The L293D is designed for operation from 0
°C
to 70
°C.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1, 2EN
1A
1Y
2Y
2A
VCC2
VCC1
4A
4Y
3Y
3A
3, 4EN
NE PACKAGE
(TOP VIEW)
HEAT SINK AND
GROUND
HEAT SINK AND
GROUND
logic symbol
4A
3, 4EN
3A
2A
1, 2EN
1A
15
9
10
7
1
2
4Y
3Y
2Y
1Y
14
11
6
3
EN
EN
EN
EN
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
logic diagram
4A
3, 4EN
3A
2A
1, 2EN
1A
15
9
10
7
1
2
4Y
3Y
2Y
1Y
14
11
6
3
INPUTS‡
OUTPUT
Y
FUNCTION TABLE
(each driver)
AEN
H
L
X
H
H
L
H
L
Z
H = high-level, L = low level,
X = irrelevant, Z = high-impedance (off)
‡ In the thermal shutdown mode, the
output is in the high-impedance state
regardless of the input levels.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TIL293D

ManufacturerPart #DatasheetDescription
logo
Carling Technologies
TIL CARLINGTECH-TIL Datasheet
114Kb / 3P
Rocker Switches
logo
Texas Instruments
TIL102 TI-TIL102 Datasheet
373Kb / 4P
GALLIUM ARSENIDE DIODE INFRARED SOURCE OPTICALLY COUPLED TO A HIGH-GAIN N-P-N SILICON PHOTOTRANSISTOR
logo
New Jersey Semi-Conduct...
TIL102 NJSEMI-TIL102 Datasheet
84Kb / 2P
OPTOCOUPLERS
logo
Texas Instruments
TIL103 TI-TIL103 Datasheet
373Kb / 4P
GALLIUM ARSENIDE DIODE INFRARED SOURCE OPTICALLY COUPLED TO A HIGH-GAIN N-P-N SILICON PHOTOTRANSISTOR
logo
New Jersey Semi-Conduct...
TIL103 NJSEMI-TIL103 Datasheet
84Kb / 2P
OPTOCOUPLERS
More results

Similar Description - TIL293D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
L293 TI-L293 Datasheet
496Kb / 19P
QUADRUPLE HALF-H DRIVER
SN754410 TI-SN754410 Datasheet
109Kb / 7P
QUADRUPLE HALF-H DRIVER
L293N TI-L293N Datasheet
495Kb / 18P
QUADRUPLE HALF-H DRIVERS
logo
Sensitron
SCP-3337 SENSITRON-SCP-3337 Datasheet
51Kb / 3P
QUADRUPLE HALF-H DRIVER
logo
Texas Instruments
SN754410 TI-SN754410_06 Datasheet
166Kb / 9P
QUADRUPLE HALF-H DRIVER
logo
Infineon Technologies A...
TLE7181EM INFINEON-TLE7181EM Datasheet
642Kb / 29P
H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
TLE7182EM INFINEON-TLE7182EM Datasheet
604Kb / 28P
H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
logo
Texas Instruments
DRV8313EVM TI1-DRV8313EVM Datasheet
871Kb / 18P
DRV8313 TRIPLE HALF-H-BRIDGE DRIVER IC
L293D TI1-L293D_16 Datasheet
501Kb / 21P
Quadruple Half-H Drivers
logo
Monolithic Power System...
EV6514-G-00A MPS-EV6514-G-00A Datasheet
322Kb / 5P
0.6A, 14V Half H-bridge Motor Driver Evaluation Board
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com