Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIL293D Datasheet(PDF) 3 Page - Texas Instruments

Part # TIL293D
Description  QUADRUPLE HALF-H DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL293D Datasheet(HTML) 3 Page - Texas Instruments

  TIL293D Datasheet HTML 1Page - Texas Instruments TIL293D Datasheet HTML 2Page - Texas Instruments TIL293D Datasheet HTML 3Page - Texas Instruments TIL293D Datasheet HTML 4Page - Texas Instruments TIL293D Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
L293D
QUADRUPLE HALF-H DRIVER
SLRS008A – SEPTEMBER 1986 – REVISED MAY 1990
3–3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, VCC1 = 5 V, VCC2 = 24 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = – 0.6 A
VCC2 – 1.8 VCC2 – 1.4
V
VOL
Low-level output voltage
IOL = 0.6 A
1.2
1.8
V
VOKH
High-level output clamp voltage
IOK = – 0.6 A
VCC2 + 1.3
V
VOKL
Low-level output clamp voltage
IOK = – 0.6 A
1.3
V
IIH
High level input current
A
VI =7V
0.2
100
µA
IIH
High-level input current
EN
VI = 7 V
0.2
±10
µA
IIL
Low level input current
A
VI =0
–3
–10
µA
IIL
Low-level input current
EN
VI = 0
–2
– 100
µA
All outputs at high level
13
22
ICC1
Logic supply current
IO = 0
All outputs at low level
35
60
mA
All outputs at high impedance
8
24
All outputs at high level
14
24
ICC2
Output supply current
IO = 0
All outputs at low level
2
6
mA
All outputs at high impedance
2
4
switching characteristics, VCC1 = 5 V, VCC2 = 24 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output from A input
800
ns
tPHL
Propagation delay time, high-to-low-level output from A input
CL =30 pF
See Figure 1
400
ns
tTLH
Transition time, low-to-high-level output
CL = 30 pF, See Figure 1
300
ns
tTHL
Transition time, high-to-low-level output
300
ns
PARAMETER MEASUREMENT INFORMATION
Output
CL = 30 pF
(see Note B)
GND
VCC1 VCC2
EN
A
5 V
24 V
Input
3 V
Y
TEST CIRCUIT
Pulse
Generator
(see Note A)
90%
10%
1.5 V
tf
tr
3 V
0
tPHL
VOH
tTHL
tTLH
VOLTAGE WAVEFORMS
50%
tPLH
Output
Input
VOL
1.5 V
10%
50%
90%
10%
10%
90%
90%
tw
NOTES: A. The pulse generator has the following characteristics: tr ≤ 10 ns, tf ≤ 10 ns, tw = 10 µs, PRR = 5 kHz, ZO = 50 Ω.
B. CL includes probe and jig capacitance.
Figure 1. Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com