Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIL293D Datasheet(PDF) 2 Page - Texas Instruments

Part # TIL293D
Description  QUADRUPLE HALF-H DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL293D Datasheet(HTML) 2 Page - Texas Instruments

  TIL293D Datasheet HTML 1Page - Texas Instruments TIL293D Datasheet HTML 2Page - Texas Instruments TIL293D Datasheet HTML 3Page - Texas Instruments TIL293D Datasheet HTML 4Page - Texas Instruments TIL293D Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
L293D
QUADRUPLE HALF-H DRIVER
SLRS008A – SEPTEMBER 1986 – REVISED MAY 1990
3–2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
schematics of inputs and outputs
Input
VCC2
Output
GND
TYPICAL OF ALL OUTPUTS
EQUIVALENT OF EACH INPUT
VCC1
Current
Source
GND
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Logic supply voltage range, VCC1 (see Note 1)
36 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output supply voltage range, VCC2
36 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
– 3 V to VCC2 + 3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak output current (nonrepetitive, t
≤ 100 µs)
±1.2 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO
±600 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total dissipation at (or below) 25
°C free-air temperature (see Notes 2 and 3)
2075 mW
. . . . . . .
Continuous total dissipation at 80
°C case temperature (see Note 3)
5000 mW
. . . . . . . . . . . . . . . . . . . . . . . . .
Operating case or virtual junction temperature range, TJ
–40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTES:
1. All voltage values are with respect to the network ground terminal.
2. For operation above 25
°C free-air temperature, derate linearly at the rate of 16.6 mW/°C.
3. For operation above 25
°C case temperature, derate linearly at the rate of 71.4 mW/°C. Due to variations in individual device electrical
characteristics and thermal resistance, the built-in thermal overload protection may be activated at power levels slightly above or
below the rated dissipation.
recommended operating conditions
MIN
MAX
UNIT
Logic supply voltage, VCC1
4.5
7
V
Output supply voltage, VCC2
VCC1
36
V
High level input voltage VIH
VCC1 ≤ 7 V
2.3
VCC1
V
High-level input voltage, VIH
VCC1 ≥ 7 V
2.3
7
V
Low-level input voltage, VIL
– 0.3†
1.5
V
Operating free-air temperature, TA
0
70
°C
† The algebraic convention, in which the least positive (most negative) value is designated minimum, is used in this data sheet for logic voltage
levels.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com