Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPR910 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DLPR910
Description  Configuration PROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPR910 Datasheet(HTML) 3 Page - Texas Instruments

  DLPR910 Datasheet HTML 1Page - Texas Instruments DLPR910 Datasheet HTML 2Page - Texas Instruments DLPR910 Datasheet HTML 3Page - Texas Instruments DLPR910 Datasheet HTML 4Page - Texas Instruments DLPR910 Datasheet HTML 5Page - Texas Instruments DLPR910 Datasheet HTML 6Page - Texas Instruments DLPR910 Datasheet HTML 7Page - Texas Instruments DLPR910 Datasheet HTML 8Page - Texas Instruments DLPR910 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
A
B
C
D
E
F
G
H
1
2
3
4
5
6
3
DLPR910
www.ti.com
DLPS065B – SEPTEMBER 2015 – REVISED NOVEMBER 2016
Product Folder Links: DLPR910
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
P = Power
G = Ground
I = Input
O = Output
5 Pin Configuration and Functions
YVA Package
48-Pin DSBGA
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
GND
A1
G
Ground
GND
A2
G
Ground
OE/RESET
A3
I/O
Output Enable/RESET (Open-Drain I/O). When Low, this input holds the address
counter reset and the DATA and CLKOUT outputs are placed in a high-impedance state.
This is a bidirectional open-drain pin that is held Low while the PROM completes the
internal power-on reset sequence. Polarity is not programmable. Pin must be pulled
High using an external 4.7-kΩ pull-up to VCCO.
DNC
A4
—
Do Not Connect. Leave unconnected.
D6
A5
—
Do Not Connect. Leave unconnected.
D7
A6
—
Do Not Connect. Leave unconnected.
VCCINT
B1
P
Positive 1.8-V supply voltage for internal logic.
VCCO
B2
P
Positive 3.3-V and 1.8-V supply voltage connected to the output voltage drivers and
internal buffers.
CLK
B3
I
Configuration clock input. Each rising edge on the CLK input increments the internal
address counter. Pin must be pulled High and Low using an external 100-Ω pull-up
to VCCO and an external 100-Ω pull-down to Ground. Place resistors close to pin.
(CE)
B4
I
Chip Enable Input. When (CE ) is High, the device is put into low-power standby mode,
the address counter is reset, and the DATA and CLKOUT outputs are placed in a high
impedance state.
D5
B5
—
Do Not Connect. Leave unconnected.
GND
B6
G
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com