Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPR910 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DLPR910
Description  Configuration PROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPR910 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DLPR910 Datasheet HTML 7Page - Texas Instruments DLPR910 Datasheet HTML 8Page - Texas Instruments DLPR910 Datasheet HTML 9Page - Texas Instruments DLPR910 Datasheet HTML 10Page - Texas Instruments DLPR910 Datasheet HTML 11Page - Texas Instruments DLPR910 Datasheet HTML 12Page - Texas Instruments DLPR910 Datasheet HTML 13Page - Texas Instruments DLPR910 Datasheet HTML 14Page - Texas Instruments DLPR910 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
LVDS Interface
DCLK(A,B), DVALID(A,B), DIN(A,B)[15:0]
DLPC910
DOUT(A,B)[15:0]
RESET_MODE(1:0)
SCP BUS(3:0)
Power Management
OSC
50 MHz
CTRL_RSTZ
JTAG(3:0)
DLPR910
PGM(4:0)
Illumination
Driver
Illumination
Sensor
I2C
Row and Block Signals
ROWMD(1:0), ROWAD(10:0), BLKMD(1:0), BLKAD(3:0), RST2BLKZ
Control Signals
COMP_DATA, NS_FLIP, WDT_ENBLZ, PWR_FLOAT
Status Signals
RST_ACTIVE, INIT_ACTIVE, ECP2_FINISHED
VLED0
VLED1
DLP6500
APPS
FPGA
USER
Interface
Connectivity
USB
Ethernet
Volatile
And
Non-Volatile
Storage
DCLKOUT(A,B)
SCTRL(A,B)
RESET_ADDR(3:0)
RESETZ
RESET_SEL(1:0)
RESET_STRB
RESET_OEZ
RESET_IRQZ
11
DLPR910
www.ti.com
DLPS065B – SEPTEMBER 2015 – REVISED NOVEMBER 2016
Product Folder Links: DLPR910
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Application (continued)
Figure 4. Typical High Speed DLP6500 Application Schematic
8.2.1 Design Requirements
The DLPR910 is part of a multi-chipset solution, and it is required to be coupled with the DLPC910 for reliable
operation of the DLP9000X DMD or the DLP6500 family of DMDs. For more information, refer to the DLPC910
datasheet listed in Related Documentation.
9 Power Supply Recommendations
The DLPR910 uses two power supply rails as shown in Table 1.
Table 1. DLPR910 Power Supply Rails
SUPPLY
POWER PINS
COMMENTS
1.8 V
VCCINT1, VCCINT2, and VCCINT3
All VCCINT pins must be connected with a 0.1-µF
decoupling capacitor to GND.
3.3 V
VCCO1,VCCO2,VCCO3, VCCO4, and VCCJ
All VCCO and VCCJ pins must be connected with a 0.1-
µF decoupling capacitor to GND.
10 Layout
10.1 Layout Guidelines
The DLPR910 is part of a multi-chipset solution, and it is required to be coupled with the DLPC910 for reliable
operation of the DLP9000X DMD or the DLP6500 family of DMDs. Refer to the DLPC910 datasheet listed in
Related Documentation for a layout example for this multi-chipset solution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com