Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPR910 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DLPR910
Description  Configuration PROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPR910 Datasheet(HTML) 5 Page - Texas Instruments

  DLPR910 Datasheet HTML 1Page - Texas Instruments DLPR910 Datasheet HTML 2Page - Texas Instruments DLPR910 Datasheet HTML 3Page - Texas Instruments DLPR910 Datasheet HTML 4Page - Texas Instruments DLPR910 Datasheet HTML 5Page - Texas Instruments DLPR910 Datasheet HTML 6Page - Texas Instruments DLPR910 Datasheet HTML 7Page - Texas Instruments DLPR910 Datasheet HTML 8Page - Texas Instruments DLPR910 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
DLPR910
www.ti.com
DLPS065B – SEPTEMBER 2015 – REVISED NOVEMBER 2016
Product Folder Links: DLPR910
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Maximum DC undershoot below GND must be limited to either 0.5 V or 10 mA. During transitions, the device pins can undershoot to –2
V or overshoot to 7 V, provided this overshoot or undershoot lasts less then 10 ns and with the forcing current being limited to 200 mA.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature (unless otherwise noted) (see
(1) (2))
MIN
MAX
UNIT
VCCINT Internal supply voltage
Relative to ground
–0.5
2.7
V
VCCO
I/O supply voltage
Relative to ground
–0.5
4.0
V
VIN
Input voltage with respect to ground
VCCO < 2.5 V
–0.5
3.6
V
VCCO ≥ 2.5 V
–0.5
3.6
V
VTS
Voltage applied to high-impedance output
VCCO < 2.5 V
–0.5
3.6
V
VCCO ≥ 2.5 V
–0.5
3.6
V
TJ
Junction temperature
125
°C
Tstg
Storage temperature, ambient
–40
125
°C
(1)
Electrostatic discharge (ESD) to measure device sensitivity and immunity to damage caused by assembly line electrostatic discharges in
to the device.
(2)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(3)
JEDEC Standard JESD22-A114A (C1 = 100 pF, R1 = 1500 Ω, R2 = 500 Ω).
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
(1)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins (2) (3)
2000
V
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCCINT
Internal voltage supply
1.65
1.8
2.0
V
VCCO
Supply voltage for output drivers
3.3-V operation
3.0
3.3
3.6
V
VIL
Low-level input voltage
3.3-V operation
0
–
0.8
V
VIH
High-level input voltage
3.3-V operation
2.0
–
3.6
V
VO
Output voltage
0
–
VCCO
V
tIN
Input signal transition time (measured between 10% VCCO and 90% VCCO)
–
–
500
ns
TA
Operating ambient temperature
–40
–
85
°C
6.4 Thermal Information
Refer to the XCF16P product specifications at www.xilinx.com.
6.5 Electrical Characteristics
Refer to the XCF16P product specifications at www.xilinx.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com