Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBR4600 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OBR4600
Description  Easily locate, identify and troubleshoot macro-bends,splices, connectors and breaks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OBR4600 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OBR4600 Datasheet HTML 1Page - List of Unclassifed Manufacturers OBR4600 Datasheet HTML 2Page - List of Unclassifed Manufacturers OBR4600 Datasheet HTML 3Page - List of Unclassifed Manufacturers OBR4600 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
OBRTM is a trademark of Luna Innovations Incorporated.
©Luna Innovations Incorporated, Roanoke, VA
All rights reserved.
OBR 4600
LTOBR4600 REV. 004 02/13/2014
MEASUREMENT TIMING INFORMATION
Wavelength
Range (nm)
Spot Scan Rate (Hz)
30 m mode
Spot Scan Rate (Hz)
70 m mode
5
3.7
2.9
10
2.7
2.0
20
1.8
1.2
40
0.9
0.6
80
0.5
-
Scan repetition rates at various
scan wavelength ranges for
continuous spot scanning in 30
m and 70 m modes of
operation. Rates are for laser
tuning speed set to 100 nm/s.
Time per scan vs. scan
wavelength range for 70 m
scans in standard operating,
fast scanning and continuous
spot scanning modes.
Time per scan vs. scan wavelength
range for 30 m scans in standard
operating, fast scanning and
continuous spot scanning modes.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com