Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBR4600 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OBR4600
Description  Easily locate, identify and troubleshoot macro-bends,splices, connectors and breaks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OBR4600 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OBR4600 Datasheet HTML 1Page - List of Unclassifed Manufacturers OBR4600 Datasheet HTML 2Page - List of Unclassifed Manufacturers OBR4600 Datasheet HTML 3Page - List of Unclassifed Manufacturers OBR4600 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OPTICAL BACKSCATTER REFLECTOMETERTM
(Model OBR 4600)
www.lunainc.com
3157 State Street | Blacksburg, VA 24060
solutions@lunainc.com
Support phone: 1.866.586.2682
The Luna OBR 4600 offers unbeatable testing
and troubleshooting capabilities now at
unprecedented measurement speeds.
KEY FEATURES AND PRODUCT HIGHLIGHTS
•
Easily locate, identify and troubleshoot macro-bends,
splices, connectors and breaks
•
Locate Insertion Loss points at every point in the
network or assembly
– eliminate cut-back
•
Look inside components to evaluate each interface for
RL and IL
•
Measure 30 m with 10 µm resolution in less than 7
seconds
•
Continuously measure a 1 m segment at up to 3 Hz
•
Test and troubleshoot short-run networks (< 2 km)
•
Automate pass/fail verification of fiber assemblies
•
Monitor distributed temperature and strain profiles
along network or inside a component or module
The Luna
OBR 4600 is part of Luna’s award winning
Optical Backscatter ReflectometerTM product line.
Designed for component and short-run network testing
and troubleshooting, the OBR 4600 enables ultra-high
resolution reflectometry with backscatter-level
sensitivity. With spatial resolution as fine as 10
microns, zero dead-zone, options for integrated
temperature and strain sensing and extended device
mode, the OBR 4600 offers the ultimate in fiber
diagnostics.
MEASUREMENT PERFORMANCE HIGHLIGHTS
•
-130 dB sensitivity
•
70 dB dynamic range
•
2 kilometer length range with no dead-zone
•
< 0.05 dB insertion loss resolution


Similar Part No. - OBR4600

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
OBR4600 A-DATA-OBR4600 Datasheet
825Kb / 4P
70 dB dynamic range
More results

Similar Description - OBR4600

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
320569 MACOM-320569 Datasheet
258Kb / 30P
Standard Terminals and Splices
53041 MACOM-53041 Datasheet
153Kb / 6P
Standard Terminals and Splices
55995-2 MACOM-55995-2 Datasheet
47Kb / 1P
COPALUM Sealed Terminals and Splices
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
COPALUM Sealed Terminals and Splices
321684 MACOM-321684 Datasheet
48Kb / 1P
SOLISTRAND, Uninsulated Terminals and Splices
logo
TE Connectivity Ltd
408-2575 TEC-408-2575 Datasheet
131Kb / 1P
Tool and Die Selection Chart for AMP Terminals and Splices
408-2614 TEC-408-2614 Datasheet
314Kb / 5P
Tool and Die Selection for TE Terminals and Splices
logo
AVAGO TECHNOLOGIES LIMI...
AEAT-9000-1GSH0 AVAGO-AEAT-9000-1GSH0 Datasheet
528Kb / 8P
Electrical alignment output for tilt and locate
AEAT-9000-1GSH1 AVAGO-AEAT-9000-1GSH1 Datasheet
549Kb / 7P
Electrical alignment output for tilt and locate
logo
List of Unclassifed Man...
TI290 ETC-TI290 Datasheet
7Mb / 2P
Over 49,000 pixels to troubleshoot hot and cold spots
Rev. 02/23 A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com